Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SZF2002 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SZF2002
Description  Low voltage 8-bit microcontroller with 6-kbyte embedded RAM
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SZF2002 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SZF2002 Datasheet HTML 5Page - NXP Semiconductors SZF2002 Datasheet HTML 6Page - NXP Semiconductors SZF2002 Datasheet HTML 7Page - NXP Semiconductors SZF2002 Datasheet HTML 8Page - NXP Semiconductors SZF2002 Datasheet HTML 9Page - NXP Semiconductors SZF2002 Datasheet HTML 10Page - NXP Semiconductors SZF2002 Datasheet HTML 11Page - NXP Semiconductors SZF2002 Datasheet HTML 12Page - NXP Semiconductors SZF2002 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
1998 Aug 26
9
Philips Semiconductors
Product specification
Low voltage 8-bit microcontroller with
6-kbyte embedded RAM
SZF2002
Note
1. The pin layout has been optimized for easy connection of 256 kbytes Flash ROM (e.g. ATMEL AT29LV010A,
SGS-Thomson M28V201, or AMD Am29F010).
General
PWM
7
Pulse Width Modulation output.
RST
8
Reset. A HIGH level on this pin for at least 12 clock cycles resets the device.
XCLK
9
Clock input.
EA
38
External Access. When EA is HIGH the CPU executes out of internal program
memory (unless the program counter exceeds 7FFFH). A LOW EA forces the CPU to
execute out of external memory regardless of the value of the Program Counter. This
signal is latched at the falling edge of reset (RST pin). The EA pin has an internal
pull-down. When it is not connected the CPU executes from external memory.
DEBUG
39
DEBUG enable. If HIGH, forces standard 80C51 timing signals output at address and
databus. In this mode the databus is multiplexed with the lower 8 bits of the address
bus, and the A0 to A3 lines are used for the RD, WR, ALE and PSEN signals. This
allows a standard 80C51 in-circuit emulator to be connected. For normal operation
connect DEBUG to VSS.
Power
VDD
10, 50,
70
Power supply digital core and digital I/O pads.
VSS
11, 51,
71
Ground: circuit ground potential.
VDDA
30
Analog power.
VSSA
31
Analog ground.
n.c.
1, 20,
21, 40,
41, 60,
61, 80
Not connected.
SYMBOL
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com