Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R Datasheet (PDF) - Luminus, Inc

SBT-90-R Datasheet PDF - Luminus, Inc
Part # SBT-90-R
Download  SBT-90-R Download
File Size   1446.95 Kbytes
Page   14 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description LEDs

SBT-90-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SBT-90-R Datasheet PDF - Luminus, Inc

Part # SBT-90-R
Download  SBT-90-R Click to download

File Size   1446.95 Kbytes
Page   14 Pages
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc
Description LEDs

SBT-90-R Datasheet (HTML) - Luminus, Inc


SBT-90-R Product details

• Extremely high optical output from a 9 mm2 square emitter:
• Up to 2300 lumens at 13.5 A from a single chip (White)
• Over 1,600 lumens at 13.5 A (Red)
• Choice of 5700K or 6500K color point
• High thermal conductivity package - junction to case thermal resistance of only
0.5°C/W
• Large, monolithic chip with uniform emitting area of 9 mm2
• Unencapsulated die with low profile protective window optimizes optical coupling in etendue-limited applications
• Electrically isolated thermal path
• Environmentally friendly: RoHS compliant




Similar Part No. - SBT-90-R

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBT-90-R-F75-HN100 LUMINUS-SBT-90-R-F75-HN100 Datasheet
1Mb / 15P
Extremely high optical output from a 9 mm2 square emitter:
SBT-90-R-F75-HN100 LUMINUS-SBT-90-R-F75-HN100 Datasheet
1Mb / 14P
LEDs
2022
More results


Similar Description - SBT-90-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
LEDs
TR3547 MARKTECH-TR3547_15 Datasheet
449Kb / 5P
LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com