Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R Datasheet(PDF) 6 Page - Luminus, Inc

Part # SBT-90-R
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R Datasheet(HTML) 6 Page - Luminus, Inc

Back Button SBT-90-R Datasheet HTML 2Page - Luminus, Inc SBT-90-R Datasheet HTML 3Page - Luminus, Inc SBT-90-R Datasheet HTML 4Page - Luminus, Inc SBT-90-R Datasheet HTML 5Page - Luminus, Inc SBT-90-R Datasheet HTML 6Page - Luminus, Inc SBT-90-R Datasheet HTML 7Page - Luminus, Inc SBT-90-R Datasheet HTML 8Page - Luminus, Inc SBT-90-R Datasheet HTML 9Page - Luminus, Inc SBT-90-R Datasheet HTML 10Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
White
Drive Condition2
9.0 A
Parameter
Symbol
Values at Test Currents
Unit
Current Density
j
1.0
A/mm2
Forward Voltage
V
F
3.5
V
Note 1: All ratings are based on operation at room temperature.
Note 2: Listed drive conditions are typical for common applications. SBT-90 devices can be driven at currents ranging from 1 A to 13.5 A and at duty
cycles ranging from 1% to 100%. Drive current and duty cycle should be adjusted as necessary to maintain the junction temperature desired
to meet application lifetime requirements.
Note 3: Forward voltage temperature coefficient at current density of 1 A/mm2 and heat sink temperature of 40°C. Contact Luminus for value at other
drive conditions.
Note 4: Luminus SBT-90 LEDs are designed for operation to an absolute maximum forward drive current density of 1.5 A/mm2. Product lifetime data is
specified at recommended forward drive currents. Sustained operation at absolute maximum currents will result in a reduction of device
lifetime compared to recommended forward drive currents. Actual device lifetimes will also depend on junction temperature. Refer to the
lifetime derating curves for further information. In pulsed operation, rise time from 10-90% of forward current should be larger than 0.5
microseconds.
Note 5: Lifetime is dependent on LED junction temperature . Thermal calculations based on input power and thermal management system should be
performed to ensure T
j is maintained below Tj-max rating or life will be reduced. Refer to lifetime plots on page 9 and lifetime and reliability
application note for further information.
Absolute Maximum Ratings
Parameter
Symbol
White
Red
Unit
Absolute Minimum Operating Current
0.2
0.2
A
Maximum Current4
13.5
13.5
A
Maximum Junction Temperature5
T
j-max
150
125
°C
Storage Temperature Range
-40/+100
-40/+100
°C
Common Characteristics
Parameter
Symbol
White
Red
Unit
Emitting Area
9.0
9.0
mm2
Emitting Area Dimensions
3 x 3
3 x 3
mm
Forward Voltage Temperature Coefficient3
-2.45
-1.3
mV/C
Thermal Coefficient of Photometric Flux
-0.96
%/C
Device Characteristics - SBT-90-W1
6
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SBT-90-R/W Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com