Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R Datasheet(PDF) 10 Page - Luminus, Inc

Part # SBT-90-R
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R Datasheet(HTML) 10 Page - Luminus, Inc

Back Button SBT-90-R Datasheet HTML 6Page - Luminus, Inc SBT-90-R Datasheet HTML 7Page - Luminus, Inc SBT-90-R Datasheet HTML 8Page - Luminus, Inc SBT-90-R Datasheet HTML 9Page - Luminus, Inc SBT-90-R Datasheet HTML 10Page - Luminus, Inc SBT-90-R Datasheet HTML 11Page - Luminus, Inc SBT-90-R Datasheet HTML 12Page - Luminus, Inc SBT-90-R Datasheet HTML 13Page - Luminus, Inc SBT-90-R Datasheet HTML 14Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SBT-90-R Output vs.Temp., Lifetime and Spectrum
Note 1. Median lifetime estimate as a function of junction temperature at 1.5 A/mm2 in continuous operation. Lifetime defined as time to
70% of initial intensity. Based on preliminary lifetime test data. Data can be used to model failure rate over typical product lifetime.
Note 2. Lumen maintenance vs. time at 1.5 A/mm2 in continuous operation, junction temperature equal to 25°C.
Note 3. Typical spectrum at current density of 1.5 A/mm2 in continuous operation.
Median Lifetime Estimate vs.Tj1
Lumen Maintenance2
Typical Spectrum3
Angular Distribution
SBT-90-R/W Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com