Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R Datasheet(PDF) 1 Page - Luminus, Inc

Part # SBT-90-R
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R Datasheet(HTML) 1 Page - Luminus, Inc

  SBT-90-R Datasheet HTML 1Page - Luminus, Inc SBT-90-R Datasheet HTML 2Page - Luminus, Inc SBT-90-R Datasheet HTML 3Page - Luminus, Inc SBT-90-R Datasheet HTML 4Page - Luminus, Inc SBT-90-R Datasheet HTML 5Page - Luminus, Inc SBT-90-R Datasheet HTML 6Page - Luminus, Inc SBT-90-R Datasheet HTML 7Page - Luminus, Inc SBT-90-R Datasheet HTML 8Page - Luminus, Inc SBT-90-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Applications
• Fiber-coupled illumination
• Architectural and Entertainment
lighting
• Projection and micro-display based
applications
• High-Brightness and large format
LCD back-light units
• Edge-illuminated lighting guides
• High output, Etendue-limited
lighting applications
Features:
• Extremely high optical output from a 9 mm2 square emitter:
• Up to 2300 lumens at 13.5 A from a single chip (White)
• Over 1,600 lumens at 13.5 A (Red)
• Choice of 5700K or 6500K color point
• High thermal conductivity package - junction to case thermal resistance of only
0.5°C/W
• Large, monolithic chip with uniform emitting area of 9 mm2
• Unencapsulated die with low profile protective window optimizes optical coupling in
etendue-limited applications
• Electrically isolated thermal path
• Environmentally friendly: RoHS compliant
Table of Contents
Technology Overview ......2
Ordering Information ......3
Binning Structure ..........4
Chromaticity Binning
Coordinates ...............5
Device Characteristics ......6
Optical Characteristics .....8
Radiation Patterns .........9
Output vs Temp ,Lifetime and
Spectrum................ 10
Mechanical Dimensions .. 11
Soldering Profile ......... 13
Revision History.......... 14
1
PDS-001540 Rev 17
© 2022 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
SBT-90 LEDs
SBT-90-R/W Product Datasheet


Similar Part No. - SBT-90-R

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
SBT-90-R-F75-HN100 LUMINUS-SBT-90-R-F75-HN100 Datasheet
1Mb / 15P
Extremely high optical output from a 9 mm2 square emitter:
SBT-90-R-F75-HN100 LUMINUS-SBT-90-R-F75-HN100 Datasheet
1Mb / 14P
LEDs
2022
More results

Similar Description - SBT-90-R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
LEDs
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
LEDs
TR3547 MARKTECH-TR3547 Datasheet
449Kb / 5P
LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
LEDs
DA3547 MARKTECH-DA3547_15 Datasheet
403Kb / 5P
LEDs
TR3547 MARKTECH-TR3547_15 Datasheet
449Kb / 5P
LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com