Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBT-90-R Datasheet(PDF) 4 Page - Luminus, Inc

Part # SBT-90-R
Description  LEDs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SBT-90-R Datasheet(HTML) 4 Page - Luminus, Inc

  SBT-90-R Datasheet HTML 1Page - Luminus, Inc SBT-90-R Datasheet HTML 2Page - Luminus, Inc SBT-90-R Datasheet HTML 3Page - Luminus, Inc SBT-90-R Datasheet HTML 4Page - Luminus, Inc SBT-90-R Datasheet HTML 5Page - Luminus, Inc SBT-90-R Datasheet HTML 6Page - Luminus, Inc SBT-90-R Datasheet HTML 7Page - Luminus, Inc SBT-90-R Datasheet HTML 8Page - Luminus, Inc SBT-90-R Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
PDS-001540 Rev 16
© 2020 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
Flux Bins
Binning Structure
SBT-90 LEDs are tested for luminous flux and chromaticity of the drive current specified below and placed into one of the following
luminous flux (FF) and chromaticity (WW) bins:
Chromaticity Bins
Luminus’Standard Chromaticity Bins: 1931 CIE Curve
Red
Flux Bin (FF)
Minimum Flux (lm) @ 13.5 A
Maximum Flux (lm) @ 13.5 A
BM
770
970
BN
970
1150
BP
1150
1350
BQ
1350
1570
BR
1570
1850
BS
1850
2170
Color
Wavelength Bin (WW)
Minimum Wavelength @ 13.5 A Maximum Wavelength @ 13.5 A
Red
R3
615
619
R4
619
623
R5
623
627
*Note:
Luminus maintains a +/- 6% tolerance on flux measurements.
Luminus maintains a +/- 2% tolerance on CRI measurements.
SBT-90-R/W Product Datasheet
Color
Flux Bin (FF)
Minimum Flux (lm) @ 9.0 A
Maximum Flux (lm) @ 9.0 A
W57S / W65S
5700K / 6500K,
Standard CRI (typ. 70)
NA
1,590
1,710
NB
1,710
1,830
PA
1830
1966
PB
1966
2100
QA
2100
2260
QB
2260
2420
RA
2420
2600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com