Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8155 Datasheet (PDF) - Analog Devices

AD8155 Datasheet PDF - Analog Devices
Part # AD8155
Download  AD8155 Download
File Size   937.97 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 Gbps Dual Buffer Mux/Demux

AD8155 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8155 Datasheet PDF - Analog Devices

Part # AD8155
Download  AD8155 Click to download

File Size   937.97 Kbytes
Page   35 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6.5 Gbps Dual Buffer Mux/Demux

AD8155 Datasheet (HTML) - Analog Devices


AD8155 Product details

FEATURES
Dual 2:1 mux/1:2 demux Optimized for dc to 6.5 Gbps NRZ data
Per-lane P/N pair inversion for routing ease Programmable input equalization
Compensates up to 40 inches of FR4
Loss-of-signal detection
Programmable output preemphasis up to 12 dB
Programmable output levels with squelch and disable Accepts ac-coupled or dc-coupled differential CML inputs 50 Ω on-chip termination
1:2 demux supports unicast or bicast operation Port-level loopback
Port or single lane switching
1.8 V to 3.3 V flexible core supply
User-settable I/O supply from VCC to 1.2 V
Low power, typically 2.0 W in basic configuration
64-lead LFCSP −40°C to +85°C operating temperature range

APPLICATIONS
Low cost redundancy switch
SONET OC48/SDH16 and lower data rates RXAUI, 4× Fibre Channel, Infiniband, and GbE over
backplane
OIF CEI 6.25 Gbps over backplane
Serial data-level shift 2-/4-/6-lane equalizers or redrivers




Similar Part No. - AD8155

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
AD8155-EVALZ AD-AD8155-EVALZ Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
AD8155ACPZ AD-AD8155ACPZ Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
AD8155ACPZ-R7 AD-AD8155ACPZ-R7 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
More results


Similar Description - AD8155

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
logo
Analog Devices
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
REV. 0
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Potato Semiconductor Co...
PO3B3253A POTATO-PO3B3253A_14 Datasheet
1Mb / 6P
Dual 4:1 Mux/DeMux
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
logo
Texas Instruments
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
logo
Pericom Semiconductor C...
PI2DBS6212 PERICOM-PI2DBS6212 Datasheet
885Kb / 7P
6.5 Gbps SAS2, SATA3, XAUI 2 Differential Channel, 2:1 Mux/DeMux Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com