Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT367L-P16-R Datasheet (PDF) - Unisonic Technologies

U74HCT367L-P16-R Datasheet PDF - Unisonic Technologies
Part # U74HCT367L-P16-R
Download  U74HCT367L-P16-R Download
File Size   249.86 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS

U74HCT367L-P16-R Datasheet (PDF)

Go To PDF Page Download Datasheet
U74HCT367L-P16-R Datasheet PDF - Unisonic Technologies

Part # U74HCT367L-P16-R
Download  U74HCT367L-P16-R Click to download

File Size   249.86 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS

U74HCT367L-P16-R Datasheet (HTML) - Unisonic Technologies


U74HCT367L-P16-R Product details

 DESCRIPTION
The U74HCT367 is a hex buffer with 3-state outputs. The
device is configured into two banks, one with four drivers and one
with two drivers, each controlled by its own output enable pin.

 FEATURES
* Operation Voltage Range: 4.5 ~ 5.5V
*±6mA output drive at 5V
* Low input current of 1µA max
* Low power consumption, 80µA max ICC




Similar Part No. - U74HCT367L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT373 UTC-U74HCT373 Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74HCT373G-P20-R UTC-U74HCT373G-P20-R Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74HCT373G-P20-R UTC-U74HCT373G-P20-R Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373G-P20-T UTC-U74HCT373G-P20-T Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74HCT373G-P20-T UTC-U74HCT373G-P20-T Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results


Similar Description - U74HCT367L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com