Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT367L-P16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HCT367L-P16-R
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT367L-P16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HCT367L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HCT367
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-D263.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
-0.5 ~ 7
V
Input Clamp Current
VIN < -0.5V or VIN >
VCC+0.5V
IIK
±20
mA
Output Clamp Current
VOUT < -0.5V or VOUT >
VCC+0.5V
IOK
±20
mA
Continuous Output
Current
-0.5V < VOUT < VCC+0.5V
IOUT
±35
mA
VCC or Ground Current
ICC / IGND
±70
mA
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.555.5
V
Input Voltage
VIN
0VCC
V
Output Voltage
VOUT
0VCC
V
Input Transition Rise or Fall Time VCC=4.5V
tR / tF
500
ns
Operating Temperature
TA
-40
+125
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN TYP MAX MIN TYP MAX
High-Level Input Voltage
VIH
VCC=4.5V~5.5V
2.0
1.6
2.0
V
Low-Lever Output Voltage
VIL
VCC=4.5V~5.5V
1.2
0.8
0.8
V
High-Level Output Voltage
VOH
VCC=4.5V, IOH=-20μA
4.4
4.5
4.4
V
VCC=4.5V, IOH=-6.0mA
3.98 4.32
3.7
V
Low-Level Output Voltage
VOL
VCC=4.5V, IOH=20μA
0
0.1
0.1
V
VCC=4.5V, IOH=6.0mA
0.16 0.26
0.4
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VCC or GND
±0.1
±1
μA
Output OFF -state current
IOZ
VCC=5.5V, VOUT=VCC or GND
±0.5
±10
μA
Quiescent Supply Current
ICC
VCC=5.5V, VOUT=VCC or GND,
IOUT=0
8
160
μA
Additional
Quiescent Supply
Current Per Input
Pin
ΟΕ
1
, nA
Inputs
ΔICC
Per Input Pin, VIN=VCC-2.1V
Other Inputs at VCC or GND,
VCC=4.5V or 5.5V, IOUT=0
100
360
490
μA
ΟΕ
2
Inp
uts
90
324
441
μA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com