Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT367L-P16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HCT367L-P16-R
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT367L-P16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HCT367L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HCT367
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-D263.a
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25°C
TA=-40°C~+125°C
UNIT
MIN TYP MAX MIN TYP MAX
Propagation Delay From
Input (A) To Output (Y)
tPD
CL=15pF
VCC=4.5V
8
25
38
ns
VCC=5V
5
ns
Enable Time From Input
( OE ) To Output (Y)
ten
VCC=4.5V
9
35
53
ns
Diable Time From Input
( OE ) To Output (Y)
tdis
VCC=4.5V
11
35
53
ns
Transition Time To Output
(Any)
tt
VIN= GND or VCC -1.5v
5
12
18
ns
OPERATING CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Input Capacitance
CIN
3.5
pF
Power Dissipation
Capacitance
CPD
VI = GND to VCC - 1.5 V
32
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com