Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT367L-P16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HCT367L-P16-R
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT367L-P16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HCT367L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74HCT367
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-D263.a
TEST CIRCUIT AND WAVEFORMS
CL
(Note)
From Output
RL
VCC
S1
S2
TEST
tPLH/tPHL
tPHZ/tPZH
tPLZ/tPZL
S1
Open
Open
Close
Open
Close
S2
Open
tPD is the same as tPHL and tPLH.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPZL.
Note: CL includes probe and jig capacitance. CL=50pF, RL=1KΩ
Input
Output
Input
Load
S1 Position
VM
VM
VX
VY
VI
tr, tf
CL
RL
tPLH, tPHL tPZH, tPHZ tPZL, tPLZ
1.3V
1.3V
0.1×VCC 0.9×VCC
3V
6ns
15pF, 50pF
1KΩ
OPEN
GND
VCC
V
M
V
M
V
M
VIN
0V
VOH
Input
Output
tPZH
tPHZ
tPLZ
tPZL
VLOAD
VOL
Output
V
M
S1 at GND
S1 at VLOAD
Voltage Waveforms Enable and
Disable Times
0V
VOL+VΔ
VOH+VΔ
VM
VM
VM
VM
VIN
0V
VOH
VOL
Voltage Waveforms
Propagation Delay and Output
Transition Times
Input
Output
tPLH
tPHL
tPLH
tPHL
VOH
VOL
Output
VM
VM
10%
90%
tR
10%
90%
tF
10%
90%
tF
10%
90%
tR
VCC
0V
Input
10%
90%
tR
10%
90%
tF
Voltage Waveforms Input Rise and Fall Times
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com