Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT367L-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT367L-P16-R
Description  HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT367L-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT367L-P16-R Datasheet HTML 1Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 2Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 3Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 4Page - Unisonic Technologies U74HCT367L-P16-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT367
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2024 Unisonic Technologies Co., Ltd
QW-R502-D263.a
HEX BUFFERS AND LINE
DRIVERS WITH 3-STATE
OUTPUTS
DESCRIPTION
The U74HCT367 is a hex buffer with 3-state outputs. The
device is configured into two banks, one with four drivers and one
with two drivers, each controlled by its own output enable pin.
FEATURES
* Operation Voltage Range: 4.5 ~ 5.5V
*±6mA output drive at 5V
* Low input current of 1µA max
* Low power consumption, 80µA max ICC
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HCT367L-P16-R
U74HCT367G-P16-R
TSSOP-16
Tape Reel
MARKING


Similar Part No. - U74HCT367L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT373 UTC-U74HCT373 Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74HCT373G-P20-R UTC-U74HCT373G-P20-R Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74HCT373G-P20-R UTC-U74HCT373G-P20-R Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH
U74HCT373G-P20-T UTC-U74HCT373G-P20-T Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
U74HCT373G-P20-T UTC-U74HCT373G-P20-T Datasheet
237Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH
More results

Similar Description - U74HCT367L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC367 TI-SN54AHC367 Datasheet
347Kb / 12P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC365 TI-SN54HC365 Datasheet
443Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367 Datasheet
515Kb / 15P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LV367A TI-SN54LV367A Datasheet
341Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT367 TI-SN74AHCT367 Datasheet
399Kb / 14P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT36 TI-SN74AHCT36 Datasheet
398Kb / 1P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC368 TI-SN54HC368_07 Datasheet
607Kb / 17P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC367 TI-SN54HC367_08 Datasheet
798Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT367 TI-SN54AHCT367_08 Datasheet
699Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74LV367A TI1-SN74LV367A Datasheet
734Kb / 18P
HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com