Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEMF1005X-R Datasheet (PDF) - Abracon Corporation

AEMF1005X-R Datasheet PDF - Abracon Corporation
Part # AEMF1005X-R
Download  AEMF1005X-R Download
File Size   1182.31 Kbytes
Page   16 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description LTE/5G wideband External RIGHT-ANGLE Whip Antenna

AEMF1005X-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AEMF1005X-R Datasheet PDF - Abracon Corporation

Part # AEMF1005X-R
Download  AEMF1005X-R Click to download

File Size   1182.31 Kbytes
Page   16 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description LTE/5G wideband External RIGHT-ANGLE Whip Antenna

AEMF1005X-R Datasheet (HTML) - Abracon Corporation


AEMF1005X-R Product details

Features
-Supports 617 MHz to 6000 MHz
-High efficiency up to 70%
-High peak gain up to 5.1 dBi
-Swivel connector design for straight, right-angle and 45 degree positioning
-SMA plug (male pin) or RP-SMA plug (female socket) connector

Applications
-Internet of Things (IoT) devices
-LTE-M, Cat M, Cat M1, NB-IoT
-LTE CAT 1 up to CAT 20 supported
-CBRS and 5G bands supported
-Smart Home networking
-Networking & Telecommunication




Similar Part No. - AEMF1005X-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AEMF3108X-F ABRACON-AEMF3108X-F Datasheet
747Kb / 16P
LTE/5G wideband External dome Antenna
07-14-23
More results


Similar Description - AEMF1005X-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
4G/LTE External Antenna
04.10.2020
logo
Linx Technologies
CW-RCL LINX-CW-RCL Datasheet
876Kb / 8P
2.4 GHz Right-Angle Whip Antenna
2020
ANT-450-CW-QW-SMA LINX-ANT-450-CW-QW-SMA Datasheet
1Mb / 8P
Single-Band Monopole LTE/5G Antenna
2020
ANT-450-PW-QW-UFL LINX-ANT-450-PW-QW-UFL Datasheet
1Mb / 8P
Single-Band Monopole LTE/5G Antenna
2020
ANT-5GW-SPS1 LINX-ANT-5GW-SPS1 Datasheet
1Mb / 10P
Panel Mount 5G/LTE Antenna
2021
ANT-868-CW-RCL-SMA LINX-ANT-868-CW-RCL-SMA Datasheet
865Kb / 8P
868 MHz Right-Angle Whip Antenna
2020
logo
Maxtena Inc.
MEA-698-3800-SM MAXTENA-MEA-698-3800-SM Datasheet
1Mb / 5P
5G LOW PROFILE LTE ANTENNA
REV A
logo
Suzhou Maswell Communic...
AN.5G.INT2.600.6000.SMA.2 MASWELL-AN.5G.INT2.600.6000.SMA.2 Datasheet
528Kb / 7P
5G Ultra Wideband patch antenna for Cellular 5G 4G LTE LORA and WiFi bands
logo
AVX Corporation
1005595 AVX-1005595 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
9003034F0 AVX-9003034F0 Datasheet
1Mb / 6P
LTE 5G FPC Antenna
6/29/2022
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com