Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEMF1005X-R Datasheet(PDF) 10 Page - Abracon Corporation

Part # AEMF1005X-R
Description  LTE/5G wideband External RIGHT-ANGLE Whip Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AEMF1005X-R Datasheet(HTML) 10 Page - Abracon Corporation

Back Button AEMF1005X-R Datasheet HTML 6Page - Abracon Corporation AEMF1005X-R Datasheet HTML 7Page - Abracon Corporation AEMF1005X-R Datasheet HTML 8Page - Abracon Corporation AEMF1005X-R Datasheet HTML 9Page - Abracon Corporation AEMF1005X-R Datasheet HTML 10Page - Abracon Corporation AEMF1005X-R Datasheet HTML 11Page - Abracon Corporation AEMF1005X-R Datasheet HTML 12Page - Abracon Corporation AEMF1005X-R Datasheet HTML 13Page - Abracon Corporation AEMF1005X-R Datasheet HTML 14Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
H
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-14-23
|
For terms and conditions of sales, please visit:
www.abracon.com
LTE/5G wideband External RIGHT-ANGLE Whip Antenna
AEMF1005X-H
1710MHz
XY plane
XZ plane
YZ plane
y
x
z
y
x
z
0
30
60
90
120
150
180
210
240
270
300
330
-40
-30
-20
-10
0
10
X-Y
0
30
60
90
120
150
180
210
240
270
300
330
-40
-30
-20
-10
0
10
X-Z
0
30
60
90
120
150
180
210
240
270
300
330
-40
-30
-20
-10
0
10
Y-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com