Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEMF1005X-R Datasheet(PDF) 1 Page - Abracon Corporation

Part # AEMF1005X-R
Description  LTE/5G wideband External RIGHT-ANGLE Whip Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AEMF1005X-R Datasheet(HTML) 1 Page - Abracon Corporation

  AEMF1005X-R Datasheet HTML 1Page - Abracon Corporation AEMF1005X-R Datasheet HTML 2Page - Abracon Corporation AEMF1005X-R Datasheet HTML 3Page - Abracon Corporation AEMF1005X-R Datasheet HTML 4Page - Abracon Corporation AEMF1005X-R Datasheet HTML 5Page - Abracon Corporation AEMF1005X-R Datasheet HTML 6Page - Abracon Corporation AEMF1005X-R Datasheet HTML 7Page - Abracon Corporation AEMF1005X-R Datasheet HTML 8Page - Abracon Corporation AEMF1005X-R Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
H
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-14-23
|
For terms and conditions of sales, please visit:
www.abracon.com
LTE/5G wideband External RIGHT-ANGLE Whip Antenna
AEMF1005X-H
Product Image
Supports 617 MHz to 6000 MHz
High efficiency up to 70%
High peak gain up to 5.1 dBi
Swivel connector design for straight, right-angle and
45 degree positioning
SMA plug (male pin) or RP-SMA plug (female
socket) connector
Internet of Things (IoT) devices
LTE-M, Cat M, Cat M1, NB-IoT
LTE CAT 1 up to CAT 20 supported
CBRS and 5G bands supported
Smart Home networking
Networking & Telecommunication
Applications
Features


Similar Part No. - AEMF1005X-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AEMF3108X-F ABRACON-AEMF3108X-F Datasheet
747Kb / 16P
LTE/5G wideband External dome Antenna
07-14-23
More results

Similar Description - AEMF1005X-R

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
4G/LTE External Antenna
04.10.2020
logo
Linx Technologies
CW-RCL LINX-CW-RCL Datasheet
876Kb / 8P
2.4 GHz Right-Angle Whip Antenna
2020
ANT-450-CW-QW-SMA LINX-ANT-450-CW-QW-SMA Datasheet
1Mb / 8P
Single-Band Monopole LTE/5G Antenna
2020
ANT-450-PW-QW-UFL LINX-ANT-450-PW-QW-UFL Datasheet
1Mb / 8P
Single-Band Monopole LTE/5G Antenna
2020
ANT-5GW-SPS1 LINX-ANT-5GW-SPS1 Datasheet
1Mb / 10P
Panel Mount 5G/LTE Antenna
2021
ANT-868-CW-RCL-SMA LINX-ANT-868-CW-RCL-SMA Datasheet
865Kb / 8P
868 MHz Right-Angle Whip Antenna
2020
logo
Maxtena Inc.
MEA-698-3800-SM MAXTENA-MEA-698-3800-SM Datasheet
1Mb / 5P
5G LOW PROFILE LTE ANTENNA
REV A
logo
Suzhou Maswell Communic...
AN.5G.INT2.600.6000.SMA.2 MASWELL-AN.5G.INT2.600.6000.SMA.2 Datasheet
528Kb / 7P
5G Ultra Wideband patch antenna for Cellular 5G 4G LTE LORA and WiFi bands
logo
AVX Corporation
1005595 AVX-1005595 Datasheet
1Mb / 8P
Broadband 5G/4G External Antenna
11/10/2022 Rev. 0
9003034F0 AVX-9003034F0 Datasheet
1Mb / 6P
LTE 5G FPC Antenna
6/29/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com