Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEMF1005X-R Datasheet(PDF) 6 Page - Abracon Corporation

Part # AEMF1005X-R
Description  LTE/5G wideband External RIGHT-ANGLE Whip Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AEMF1005X-R Datasheet(HTML) 6 Page - Abracon Corporation

Back Button AEMF1005X-R Datasheet HTML 2Page - Abracon Corporation AEMF1005X-R Datasheet HTML 3Page - Abracon Corporation AEMF1005X-R Datasheet HTML 4Page - Abracon Corporation AEMF1005X-R Datasheet HTML 5Page - Abracon Corporation AEMF1005X-R Datasheet HTML 6Page - Abracon Corporation AEMF1005X-R Datasheet HTML 7Page - Abracon Corporation AEMF1005X-R Datasheet HTML 8Page - Abracon Corporation AEMF1005X-R Datasheet HTML 9Page - Abracon Corporation AEMF1005X-R Datasheet HTML 10Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
H
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-14-23
|
For terms and conditions of sales, please visit:
www.abracon.com
LTE/5G wideband External RIGHT-ANGLE Whip Antenna
AEMF1005X-H
Radiation Characteristics – Peak Gain
Radiation Characteristics – Total Efficiency (%)
617.0
-2.7
698.0
-0.3
960.0
0.1
1710.0
2.2
2300.0
3.6
2690.0
2.0
3300.0
3.1
3800.0
1.3
4900.0
4.8
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
600
1600
2600
3600
4600
5600
Frequency (MHz)
Gain (600~6000 MHz)
617.0
27.7
698.0
41.1
960.0
39.6
1710.0
58.5
2300.0
64.8
2690.0
50.3
3300.0
60.1
3800.0
47.3
4900.0
61.9
0
10
20
30
40
50
60
70
80
90
600
1600
2600
3600
4600
5600
Frequency (MHz)
Efficiency (600~6000 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com