Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEMF1005X-R Datasheet(PDF) 5 Page - Abracon Corporation

Part # AEMF1005X-R
Description  LTE/5G wideband External RIGHT-ANGLE Whip Antenna
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AEMF1005X-R Datasheet(HTML) 5 Page - Abracon Corporation

  AEMF1005X-R Datasheet HTML 1Page - Abracon Corporation AEMF1005X-R Datasheet HTML 2Page - Abracon Corporation AEMF1005X-R Datasheet HTML 3Page - Abracon Corporation AEMF1005X-R Datasheet HTML 4Page - Abracon Corporation AEMF1005X-R Datasheet HTML 5Page - Abracon Corporation AEMF1005X-R Datasheet HTML 6Page - Abracon Corporation AEMF1005X-R Datasheet HTML 7Page - Abracon Corporation AEMF1005X-R Datasheet HTML 8Page - Abracon Corporation AEMF1005X-R Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
H
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED: 07-14-23
|
For terms and conditions of sales, please visit:
www.abracon.com
LTE/5G wideband External RIGHT-ANGLE Whip Antenna
AEMF1005X-H
Reflection Characteristics – Return Loss & VSWR
600.0
-4.83
690.0
-3.64
1710.0
-9.09
2170.0
-11.26
2500.0
-13.10
2700.0
-7.68
3300.0
-9.15
3800.0
-6.93
5150.0
-6.51
-30
-25
-20
-15
-10
-5
0
500
1500
2500
3500
4500
5500
Frequency (MHz)
Return Loss (500~6000 MHz)
600.0
3.65
1710.0
2.09
2170.0
1.72
2500.0
1.55
2700.0
2.44
3300.0
2.07
3800.0
2.72
5150.0
2.81
1
2
3
4
500
1500
2500
3500
4500
5500
Frequency (MHz)
VSWR (500~6000 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com