Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet (PDF) - STMicroelectronics

SPSB100 Datasheet PDF - STMicroelectronics
Part # SPSB100
Download  SPSB100 Download
File Size   6350.23 Kbytes
Page   214 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive power management IC for highly integrated processors

SPSB100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPSB100 Datasheet PDF - STMicroelectronics

Part # SPSB100
Download  SPSB100 Click to download

File Size   6350.23 Kbytes
Page   214 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive power management IC for highly integrated processors

SPSB100 Datasheet (HTML) - STMicroelectronics


SPSB100 Product details

Features
• AEC-Q100 qualified
• 2 configurable (6.5 V, 5 V, 3.3 V) BUCK converters and typ peak switching
current limit of 3.0 A at 2.4 MHz or 400 kHz
• 1 configurable (3.3 V, 1.25 V, 1.2 V, 1.1 V, 0.98 V) BUCK converter and typ
peak switching current limit up to 6.0 A at 2.4 MHz, with fine-tuning
configurability around 0.98 V (0.95 V to 1.01 V)
• Overcurrent detection and limitation for all BUCKs
• Integrated soft start on BUCK stages
• Boost controller 8-9.5 V and typ peak switching current limit of 4.2 A at 400
kHz, for sustaining low battery condition occurring for a transitory time and
deep cranking pulse (external power components can be optionally populated)
• One 5 V voltage regulator (120 mA, 2% acc.)
• One configurable (5 V or 3.3 V) low drop voltage tracker of all regulators (10
mA, ±10 mV)
• One high side driver for contact monitoring (RON = 55 Ω) with open-load and
overcurrent diagnosis
• Dedicated interrupt pin for failure communication
• Device operates in low power mode
• Very low quiescent current in DEEP-SLEEP state
• MCU reset generator
• Configurable window watchdog with extended long open window up to 9 s and
enable/disable function through NVM bit
• Device contains temperature warning and protection
• Thermal clusters
• A/D conversion of supply voltages and internal temperature sensors
• STMicroelectronics standard serial peripheral interface (32 Bit/ST_SPI)
including 4-bit CRC
• 1 fail-safe output
• 1 input pin supporting static and dynamic error signal reporting
• Programmable periodic system wake-up feature
• Documentation available for customers that need support when dealing with
ASIL requirements as per ISO26262
• VFQFN56+4L 8x8x0.9 with wettable flank, 0.8 mm package

Description
The SPSB100 is a fully integrated automotive power management system IC,
especially designed for highly integrated application processors (for example,
Stellar G and P MCU families), offering low power mode and high current capability:
the device comes with enhanced system power supply functionality.
It combines a 3-switch mode power supply together with two integrated linear voltage
regulators. The device integrates a further 2 wake-up inputs and advanced fail-safe
functionalities.




Similar Part No. - SPSB100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPSB100 STMICROELECTRONICS-SPSB100 Datasheet
15Mb / 213P
Automotive power management IC for highly integrated processors
07-Oct-2024
SPSB100BTR STMICROELECTRONICS-SPSB100BTR Datasheet
15Mb / 213P
Automotive power management IC for highly integrated processors
07-Oct-2024
SPSB100PTR STMICROELECTRONICS-SPSB100PTR Datasheet
15Mb / 213P
Automotive power management IC for highly integrated processors
07-Oct-2024
SPSB100 STMICROELECTRONICS-SPSB100_V01 Datasheet
15Mb / 213P
Automotive power management IC for highly integrated processors
07-Oct-2024
More results


Similar Description - SPSB100

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA6021 DIALOG-DA6021 Datasheet
361Kb / 2P
DA6021 Highly integrated power management IC for new
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
logo
Texas Instruments
TPS65219 TI-TPS65219 Datasheet
3Mb / 133P
TPS65219 Integrated Power Management IC for ARM Cortex?볾53 Processors and FPGAs
MAY 2022
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
Power Management IC for Automotive Application
Rev. 0
logo
Texas Instruments
TPS65220 TI-TPS65220 Datasheet
2Mb / 130P
TPS65220 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
DECEMBER 2022
TPS65219 TI-TPS65219_V01 Datasheet
3Mb / 150P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
logo
Texas Instruments
TPS65219-Q1 TI-TPS65219-Q1 Datasheet
2Mb / 130P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex—A53 Processors
DECEMBER 2022
TPS65219-Q1 TI-TPS65219-Q1_V01 Datasheet
3Mb / 154P
TPS65219-Q1 Integrated Power Management IC for ARM Cortex®—A53 Processors
REVISED MAY 2023
TPS65219 TI1-TPS65219_V02 Datasheet
3Mb / 153P
TPS65219 Integrated Power Management IC for ARM Cortex®—A53 Processors and FPGAs
REVISED MARCH 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com