Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 3Page - STMicroelectronics SPSB100 Datasheet HTML 4Page - STMicroelectronics SPSB100 Datasheet HTML 5Page - STMicroelectronics SPSB100 Datasheet HTML 6Page - STMicroelectronics SPSB100 Datasheet HTML 7Page - STMicroelectronics SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics SPSB100 Datasheet HTML 10Page - STMicroelectronics SPSB100 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 214 page
background image
2
Maximum ratings
2.1
Operating range
Within the operating range the part operates as specified and without parameter deviations. The device may not
operate properly if maximum operating conditions are exceeded.
Once taken beyond the operative ratings and returned back within, the part recovers with no damage or
degradation.
Additional supply voltage and temperature conditions are given separately at the beginning of each electrical
specification table.
All voltages are related to the potential at substrate ground pin.
Table 2. Operating conditions
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VS
Global
Supply voltage
3(1)
-
29
V
FBB
Boost output
7.7
-
29
V
VIN12
BUCK1 and BUCK2 supply pin
7.7
-
29
V
VIN3
BUCK3 supply pin
3
-
7
V
VIO
Digital interface supply pin
3
-
5.5
V
1. VS operating range from 3 V up to Vfbb_regx is intended as a transitory time during cranking conditions.
2.1.1
Supply voltage ranges
All SPI communication, logic and oscillator parameters work down to VS = VPORVS_F and are specified
accordingly:
•
SPI thresholds
•
Oscillator frequency (delay times correctly elapsed)
•
Internal register status correctly kept (reset at default values for VS < VPORVS_F)
•
Reset threshold correctly detected
2.2
Absolute maximum ratings
Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the
integrated circuit.
All voltages are related to the potential at substrate ground pin.
Table 3. Absolute maximum ratings
Symbol
Parameter
Condition
Min Typ Max Unit
VS_JS
DC supply voltage
Jump start
-0.3
-
29
V
VS_LD
DC supply voltage
Load dump 400 ms max
-0.3
-
40
V
VS_rev
DC supply voltage for reverse battery
Reverse battery with limited
current at max 30 mA
-1.0
-
-
V
VFBB_JS
Boost output voltage range
Supply for LDO1 and 2, OUT_HS, IGN and WU blocks
Jump start
-0.3
-
29
V
VFBB_LD
Boost output voltage range
Supply for LDO1 and 2, OUT_HS, IGN and WU blocks
Load dump 400 ms max
-0.3
-
40
V
VGLB
Boost gate driver voltage range
VGLB < VFBB + 0.3 V
-0.3
-
13.4
V
VDLB
Boost external drain voltage range
-0.3
-
40
V
SPSB100
Maximum ratings
DS14640 - Rev 1
page 7/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com