Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 91 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 87Page - STMicroelectronics SPSB100 Datasheet HTML 88Page - STMicroelectronics SPSB100 Datasheet HTML 89Page - STMicroelectronics SPSB100 Datasheet HTML 90Page - STMicroelectronics SPSB100 Datasheet HTML 91Page - STMicroelectronics SPSB100 Datasheet HTML 92Page - STMicroelectronics SPSB100 Datasheet HTML 93Page - STMicroelectronics SPSB100 Datasheet HTML 94Page - STMicroelectronics SPSB100 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 214 page
background image
Figure 63. Line transient BUCK3 at 3.3 V
7.11
Watchdog
6.0 V ≤ VFBB ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
All watchdog timings are covered by scan.
Table 32. Watchdog
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tLW1
Long open window 1
LOW_SET <3:0> : 0000
-
-
319
ms
tLW2
Long open window 2
LOW_SET <3:0> : 0001
-
-
479
ms
tLW3
Long open window 3
LOW_SET <3:0> : 0010
-
-
638
ms
tLW4
Long open window 4
LOW_SET <3:0> : 0011
-
-
1025
ms
tLW5
Long open window 5
LOW_SET <3:0> : 0100
-
-
115
ms
tLW6
Long open window 6
LOW_SET <3:0> : 0101
-
-
159
ms
tLW7
Long open window 7
LOW_SET <3:0> : 0110
-
-
230
ms
tLW8
Long open window 8
LOW_SET <3:0> : 0111
-
-
460
ms
tLW12
Long open window 12
LOW_SET <3:0> : 1000-1011
-
-
2300
ms
tLW13
Long open window 13
LOW_SET <3:0> : 1100
-
-
4600
ms
tLW14
Long open window 14
LOW_SET <3:0> : 1101
-
-
6900
ms
tLW15
Long open window 15
LOW_SET <3:0> : 1110
-
-
9200
ms
tLW16
Long open window 16
LOW_SET <3:0> : 1111
-
Infinite
-
-
TEFW1
Early failure window 1
WD_TIME = 0000
-
-
2.8
ms
TLFW1
Late failure window 1
WD_TIME = 0000
10
-
-
ms
TSW1
Safe window 1
WD_TIME = 0000
4.5
-
5.4
ms
TEFW2
Early failure window 2
WD_TIME = 0001 (default value)
-
-
5.3
ms
TLFW2
Late failure window 2
WD_TIME = 0001 (default value)
20
-
-
ms
TSW2
Safe window 2
WD_TIME = 0001 (default value)
8.4
-
11.5
ms
TEFW3
Early failure window 3
WD_TIME = 0010
-
-
17.3
ms
TLFW3
Late failure window 3
WD_TIME = 0010
50
-
-
ms
TSW3
Safe window 3
WD_TIME = 0010
27.1
-
31.5
ms
TEFW4
Early failure window 4
WD_TIME = 0011
-
-
31.5
ms
SPSB100
Electrical characteristics
DS14640 - Rev 1
page 91/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com