Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 71Page - STMicroelectronics SPSB100 Datasheet HTML 72Page - STMicroelectronics SPSB100 Datasheet HTML 73Page - STMicroelectronics SPSB100 Datasheet HTML 74Page - STMicroelectronics SPSB100 Datasheet HTML 75Page - STMicroelectronics SPSB100 Datasheet HTML 76Page - STMicroelectronics SPSB100 Datasheet HTML 77Page - STMicroelectronics SPSB100 Datasheet HTML 78Page - STMicroelectronics SPSB100 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 214 page
background image
Symbol
Parameter
Condition
Min
Typ
Max Unit
VBYPASS_VDSM5
Bypass drain-source rising
threshold voltage
BYPASS _DSMON_TH = 100
275
325
375
mV
VBYPASS_VDSM6
Bypass drain-source rising
threshold voltage
BYPASS _DSMON_TH =101
325
375
425
mV
VBYPASS_VDSM7
Bypass drain-source rising
threshold voltage
BYPASS _DSMON_TH = 110
375
425
475
mV
VBYPASS_VDSM8
Bypass drain-source rising
threshold voltage
BYPASS _DSMON_TH = 111
425
475
525
mV
VBYPASS_VDSM_HYS
Bypass drain-source threshold
voltage hysteresis
BYPASS_DSMON_TH = xxx
25
50
75
mV
TF_BYPASS_VDSM(1)
Digital filter time on bypass
drain-source threshold
12
15
22
µs
TB_BYPASS_VDSM(1)
Blanking time on bypass drain-
source comparator
90
110
142
µs
Rbypass_gate_discharge Bypass gate discharge resistor
FBB - GBY = 2 V
FBB = 7 and GBY = 5 turn OFF
100
220
600
Ω
Ibypass_gate_charge
Bypass gate charge current
GBY = 5 V
FBB = 13.5 V
0.4
1.2
2
mA
1. Digital implementation is guaranteed by scan test.
2. Guaranteed by design.
7.8
BUCK1 converter
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
8.5 V ≤ VIN12 ≤ 29 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 29. BUCK1 converter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN12_H
Input voltage range
Vout_buck1 = 6.5 V
9.2
14
29
V
VIN12_M
Input voltage range
Vout_buck1 = 5 V
7.7
14
29
V
VIN12_L
Input voltage range
Vout_buck1 = 3.3 V
6
14
29
V
Vout_buck1_33(1)
Output voltage
BUCK1_PU_VALUE = 00
Transients and ripple not included
VIN12 = 8.5 V to 16 V
Iload = 50 mA to 1.5 A
Freq. = 400 kHz
3.23
3.3
3.399
V
Vout_buck1_5(1)
Output voltage
BUCK1_PU_VALUE = 01
Transients and ripple not included
VIN12 = 8.5 V to 16 V
Iload = 50 mA to 1.5 A
Freq. = 400 kHz
4.9
5
5.15
V
Vout_buck1_65(1)
Output voltage
BUCK1_PU_VALUE = 1x
Transients and ripple not included
VIN12 = 8.5 V to 16 V
Iload = 50 mA to 1.5 A
Freq. = 400 kHz
6.37
6.5
6.695
V
Vout_UV_buck1_err
Output undervoltage threshold
monitor range
86
90
94
%
Vout_PG_buck1
Output power-good threshold
monitor range
88
92
96
%
SPSB100
Electrical characteristics
DS14640 - Rev 1
page 75/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com