Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 15Page - STMicroelectronics SPSB100 Datasheet HTML 16Page - STMicroelectronics SPSB100 Datasheet HTML 17Page - STMicroelectronics SPSB100 Datasheet HTML 18Page - STMicroelectronics SPSB100 Datasheet HTML 19Page - STMicroelectronics SPSB100 Datasheet HTML 20Page - STMicroelectronics SPSB100 Datasheet HTML 21Page - STMicroelectronics SPSB100 Datasheet HTML 22Page - STMicroelectronics SPSB100 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 214 page
background image
BUCK2 can be disabled by the SPI bit VBUCK2_ENA. (only after SPI_PROTECT_ACCESS has been set). In
active low power mode, the action of enable BUCK2 is not allowed.
The live bit VBUCK2_ENA_STATUS reflects the state of BUCK2 output.
Note:
After the first power up is needed to align the live bit associated in DSR18 (VBUCK2_ENA_STATUS) with the
current value associated in DCR1.
In active full power BUCK2 converter provides the following diagnostics:
•
UV detection to monitor the output voltage (flag is BUCK2_UV). BUCK2 is therefore switched off after
tbuck2_UV_TO except if SPI bit MASK_BUCK2_UV_POWER_OFF is set.
•
Undervoltage detection generates an IRQ except if MASK_BUCK2_IRQ is set.
•
OV detection to monitor the output voltage (flag is BUCK2_OV bit) BUCK2 is therefore switched off after
tbuck2_OV_TO. Status register bit BUCK2_OV must be read and cleared before switching ON the regulator
by SPI bit VBUCK2_ENA to allow a proper start-up (only when BUCK2 is not critical for MCU).
•
Overvoltage detection generates an IRQ except if MASK_BUCK2_IRQ is set.
•
Power-good used to signal BUCK power on success (flag is BUCK2_PG_OK bit and IRQ is generated
except if MASK_BUCK2_PG_IRQ is set):
–
If not, after TBUCK2_PG_TO timing, BUCK2 is switched off and flag BUCK2_PG_TIMEOUT is set.
•
Not successful power-good detection generates an IRQ except if MASK_BUCK2_PG_TIMEOUT_IRQ is
set.
•
Configurable overcurrent protection through U-NVM BUCK2_IPEAK(flag is BUCK2_OC bit). BUCK2 is
therefore switched off after tbuck2_OC_TO except if MASK_BUCK2_OC_POWER_OFF is set.
•
Overcurrent detection generates an IRQ except if MASK_BUCK2_OC_IRQ is set.
•
Warning temperature detection by a local thermal sensor (flag is TW_CL2).
•
Warning temperature detection generates an IRQ except if MASK_CL2_TW_IRQ is set.
•
Overtemperature detection by a local thermal sensor (flag is TSD_CL2, see also the
Section 4.7: Temperature monitoring) and BUCK2 is switched off.
•
BUCK2 internal regulators detection, flag is BUCK2_INT_FAIL and the BUCK2 is switched off.
•
Internal fail generates an IRQ except if MASK_BUCK2_IRQ is set.
•
BUCK2 Feedback (FB2) pin disconnection, flag is BUCK2_UV and the BUCK2 is switched off.
•
FB2 pin disconnection generates an IRQ except if MASK_BUCK2_IRQ is set.
•
After a fault detection (UV, OV,OC, FBLOSS, TSD_CL2 or PG timeout), BUCK2 can be re
‑enabled by
setting BUCK2_ENA = 0 followed by BUCK2_ENA = 1.
In active low power, BUCK2 converter provides the following diagnostics:
•
UV detection to monitor the output voltage (flag is BUCK2_UV). BUCK2 is therefore switched off except if
SPI bit MASK_BUCK2_UV_POWER_OFF is set.
•
Undervoltage detection generates an IRQ except if MASK_BUCK2_IRQ is set.
•
OV detection to monitor the output voltage (flag is BUCK2_OV bit) BUCK2 is therefore switched off.
•
Overvoltage detection generates an IRQ except if MASK_BUCK2_IRQ is set.
•
Overcurrent protection (flag is BUCK2_OC bit). BUCK2 is therefore switched off except if
MASK_BUCK2_OC_POWER_OFF is set.
•
Overcurrent detection generates an IRQ except if MASK_BUCK2_OC_IRQ is set.
•
BUCK2 feedback (FB2) pin disconnection, flag is BUCK2_FBLOSS and the BUCK2 is switched off.
•
FB2 pin disconnection generates an IRQ except if MASK_BUCK2_IRQ is set.
•
Overtemperature detection by a central thermal sensor (flag is TSD_CL0, see also the
Section 4.7: Temperature monitoring) and device is executed power down sequence.
In active and REC-1 states, when BUCK2_REGFAIL_GO_REC is set at 1 in USER-NVM, in case of PG timeout,
OV, UV, INT_FAIL, OC, FBLOSS or TSD events the device executes a power down sequence, enters in REC-2
state and makes an automatic retry. PG_TIMEOUT, OV, UV, OC, INT_FAIL, FBLOSS or TSD flags are not
blocking to re-enable the BUCK2 after a fail event.
It is not recommended to use MASK_BUCK2_OC_POWER_OFF and MASK_BUCK2_UV_POWER_OFF in the
same time.
3.3.3
BUCK3 converter
BUCK3 is a postregulator and needs to be supplied by BUCK1 or BUCK2 through the VIN3 pin.
SPSB100
Functional description
DS14640 - Rev 1
page 19/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com