Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 96 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 92Page - STMicroelectronics SPSB100 Datasheet HTML 93Page - STMicroelectronics SPSB100 Datasheet HTML 94Page - STMicroelectronics SPSB100 Datasheet HTML 95Page - STMicroelectronics SPSB100 Datasheet HTML 96Page - STMicroelectronics SPSB100 Datasheet HTML 97Page - STMicroelectronics SPSB100 Datasheet HTML 98Page - STMicroelectronics SPSB100 Datasheet HTML 99Page - STMicroelectronics SPSB100 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 214 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
Vthp max = VFBB * 0.5
Value for VFBB = 14 V
VIGNthp
Wake-up negative edge threshold voltage
Vthp min = VFBB * 0.4
Vthp typ = VFBB * 0.45
Vthp max = VFBB * 0.5
Value for VFBB = 14 V
5.6 6.3
7
V
VWUthn
Wake-up positive edge threshold voltage
Vthp min = VFBB * 0.5
Vthp typ = VFBB * 0.55
Vthp max = VFBB * 0.6
Value for VFBB = 14 V
7
7.7
8.4
V
VIGNthn
Wake-up positive edge threshold voltage
Vthp min = VFBB * 0.5
Vthp typ = VFBB * 0.55
Vthp max = VFBB * 0.6
Value for VFBB = 14 V
7
7.7
8.4
V
VHYST_WU
Hysteresis
Vthp min = VFBB * 0.05
Vthp typ = VFBB * 0.1
Vthp max = VFBB * 0.15
Value for VFBB = 14 V
0.7 1.4
2.1
V
VHYST_IGN Hysteresis
Vthp min = VFBB * 0.05
Vthp typ = VFBB * 0.1
Vthp max = VFBB * 0.15
Value for VFBB = 14 V
0.7 1.4
2.1
V
tWU_stat(1)
Static wake filter time
50
64
85
µs
tIGN_stat(1)
Static wake filter time
50
64
85
µs
IWU_stdby
Input current in DEEP-SLEEP or active low power mode
VWU < 1 V
or VWU > (VFBB - 1.5 V)
WU_ENA = 0
-
-
3
μA
IIGN_stdby
Input current in DEEP-SLEEP or active low power mode
VIGN < 1 V
or VIGN > (VFBB - 1.5 V)
IGN_ENA = 0
-
-
3
μA
IWU_stdby_PD Pull-down current in DEEP-SLEEP or active low power modes
VWU < 1 V
or VWU > (VS - 1.5 V)
WU_ENA = 1
5
20
60
μA
IWU_stdby_PU Pull-up current in DEEP-SLEEP or active low power modes
VWU < 1 V
or VWU > (VS - 1.5 V)
WU_ENA = 1
-60 -20
-5
μA
IIGN_stdby_PD Pull-down current in DEEP-SLEEP or active low power modes
VIGN < 1 V
or VIGN > (VS - 1.5 V)
IGN_ENA = 1
5
20
60
μA
IIGN_stdby_PU Pull-up current in DEEP-SLEEP or active low power modes
VWU < 1 V
or VWU > (VS - 1.5 V)
WU_ENA = 1
-60 -20
-5
μA
RWU_act
Input resistor to GND in active mode and in DEEP-SLEEP or
active low power mode during wake-up input sensing
80 180 300
kΩ
RIGN_act
Input resistor to GND in active mode and in DEEP-SLEEP or
active low power mode during wake-up input sensing
80 180 300
kΩ
tWU_cyc(1)
Cyclic wake filter time
12
16
29
µs
tIGN_cyc(1)
Cyclic wake filter time
12
16
29
µs
SPSB100
Electrical characteristics
DS14640 - Rev 1
page 96/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com