Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 61 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 57Page - STMicroelectronics SPSB100 Datasheet HTML 58Page - STMicroelectronics SPSB100 Datasheet HTML 59Page - STMicroelectronics SPSB100 Datasheet HTML 60Page - STMicroelectronics SPSB100 Datasheet HTML 61Page - STMicroelectronics SPSB100 Datasheet HTML 62Page - STMicroelectronics SPSB100 Datasheet HTML 63Page - STMicroelectronics SPSB100 Datasheet HTML 64Page - STMicroelectronics SPSB100 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 214 page
background image
5.2.3
Address definition
Table 12. RAM and ROM address range
Operation code
OC1
OC0
Description
0
0
Write operation, allowed to RAM control registers
0
1
Read operation, allowed to RAM status or control registers
1
0
Read and clear operation, allowed to RAM status registers
1
1
Read device information in ROM registers
Table 13. RAM address
RAM address
Description
Access
3FH
Special OpCode
R/W
…
-
-
32H
Status register 18
R/C
…
…
-
22H
Status register 2
R/C
21H
Status register 1
R/C
…
…
-
1CH
Control register 28
R/W
…
…
-
02H
Control register 2
R/W
01H
Control register 1
R/W
00H
Reserved
-
Table 14. ROM address
RAM address
Description
Access
…
-
-
3EH
<GSB Options>
R
…
-
-
20H
<SPI CPHA test>
R
…
-
-
15H
<WD bit pos. 3>
R
14H
<WD bit pos. 2>
R
13H
<WD bit pos. 1>
R
12H
<WD Type 2>
R
11H
<WD Type 1>
R
10H
<SPI mode>
R
…
-
-
0AH
<Silicon Ver.>
R
…
-
-
05H
<Device No.4>
R
SPSB100
Serial peripheral interface (SPI)
DS14640 - Rev 1
page 61/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com