Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 82Page - STMicroelectronics SPSB100 Datasheet HTML 83Page - STMicroelectronics SPSB100 Datasheet HTML 84Page - STMicroelectronics SPSB100 Datasheet HTML 85Page - STMicroelectronics SPSB100 Datasheet HTML 86Page - STMicroelectronics SPSB100 Datasheet HTML 87Page - STMicroelectronics SPSB100 Datasheet HTML 88Page - STMicroelectronics SPSB100 Datasheet HTML 89Page - STMicroelectronics SPSB100 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 214 page
background image
Figure 54. Current limitation curves of BUCK1, 2 for Vout 6.5 V
0
0.5
1
1.5
2
2.5
3
3.5
6
6.5
7
7.5
8
8.5
9
VIN12 [V]
400 kHz
2.4 MHz
7.10
BUCK3 converter
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin.
3 V ≤ VIN13 ≤ 7 V, Tj = -40 °C to 150 °C, unless otherwise specified.
Table 31. BUCK3 converter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Vin3_L(1)(2)
Input voltage range
Vout_buck3 = 1.25 V or below
3
-
5.25
V
Vin3_H(1)(2)
Input voltage range
Vout_buck3 = 3.3 V
4.85
-
7
V
Vout_buck3_11X(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 11X
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
0.9215 0.95 0.9785
V
Vout_buck3_101(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 101
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
0.9312 0.96 0.9888
V
Vout_buck3_100(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 100
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
0.9409 0.97 0.9991
V
Vout_buck3_000(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 000
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
0.9506 0.98 1.0094
V
Vout_buck3_001(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 001
VIN3 = 3 V to 5.5 V
Iload = 50 mA to 3 A
0.9603 0.99 1.0197
V
Vout_buck3_010(1)(2)
Output voltage
BUCK3_PU_VALUE = 001
BUCK3_FTUNE = 010
VIN3 = 3 V to 5.5 V
0.97
1.0
1.03
V
SPSB100
Electrical characteristics
DS14640 - Rev 1
page 86/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com