Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 37Page - STMicroelectronics SPSB100 Datasheet HTML 38Page - STMicroelectronics SPSB100 Datasheet HTML 39Page - STMicroelectronics SPSB100 Datasheet HTML 40Page - STMicroelectronics SPSB100 Datasheet HTML 41Page - STMicroelectronics SPSB100 Datasheet HTML 42Page - STMicroelectronics SPSB100 Datasheet HTML 43Page - STMicroelectronics SPSB100 Datasheet HTML 44Page - STMicroelectronics SPSB100 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 214 page
background image
Each time a transition is detected on FIN1 input the register FCCU_LAST_STABLE<12:0> is loaded with the last
value of the FCCU counter. MCU can read back this value through SPI.
3.11.3
Reaction on error
When an error is detected by the MCU fault monitoring, the NRST pin is asserted low, the status bit FCCUFAIL is
set, the state machine reacts as described in the Section 3.6.2.2: Watchdog trig and FCCU monitor faults
management. The live status bit FIN1_STATE shows the current state of FIN1 input.
To properly restart FCCU block after a FCCUFAIL detection, MCU has to write FCCU_ENA = 0, clear the
FCCUFAIL flag and re-enable the monitoring by setting FCCU_ENA = 1.
The live bit FCCU_ENA_STATUS reflects the state of the FCCU block.
3.12
High-side output OUT_HS
In active, FULL-POWER or LOW-POWER modes, and in DEEP_SLEEP states the high side driver output
OUT_HS can be configured for supplying external loads or contacts.
The high side output can be either controlled:
•
Permanently ON (OUTHS_[1..0] = 01)
•
Permanently OFF (OUTHS_[1..0] = 00)
•
Through an internal timer (OUTHS_[1..0] = 1x)
In timer mode configuration (when TIMER_ENA = 1) the activation period can be configured through the bits
T1_PER [2..0] in the following range {10, 20, 50,100, 200, 500, 1000, 2000 ms}.
On-time is configurable through bits T1_ENA[1..0] in the following range {0.1, 0.3, 1, 10, 20 ms}.
In case the wake-up inputs WU and IGN are configured in cyclic sense mode(WU_FILT = 1, IGN_FILT = 1)), the
capture of their input state is synchronized with the high-side timer mode:
•
A switched ON delay time tDON_OUT_HS is applied after the high-side is turned ON.
•
A switched OFF delay time tDOFF_OUT_HS is applied after the high-side is turned OFF.
•
A fixed filter time of tWU_cyc is applied after blanking time has elapsed before refreshing the WU_WAKE or
IGN_WAKE.
•
In case of status change detection between the previous and the new captured state, the status bits
WU_WAKE and IGN_WAKE will be set in the status register. Depending on the dedicated settings applied
on each wake-up input, wake-up detection could wake-up the SPSB100 and/or generate an interrupt signal
on the IRQ pin.
In case of overcurrent, detection is done by OUTHS_OC bit, OUTHS driver is switched off after filter time
toc_out_hs and an IRQ is generated except if MASK_OUTHS_IRQ is set.
After an OC detection, OUTHS can be re-enabled by clearing the status bit OUTHS_OC.
In case of open load, detection is done by OUTHS_OL bit, an IRQ is generated except if MASK_OUTHS_IRQ is
set.
The live bit OUTHS_ENA_STATUS reflects the state of OUTHS output.
Note:
The high-side driver OUT_HS is intended to drive resistive loads only. Therefore, only a limited energy (E < 1
mJ) can be dissipated by the internal ESD-diodes in freewheeling condition. For inductive loads (L > 100 μH) an
external freewheeling diode connected between GND and the OUT_HS pin is required.
3.13
Fail-safe output - NFSO1
NFSO1 is asserted low when a fault event is detected. The objective of this pin is to drive an electrical safe
circuitry independent from the MCU to deactivate the whole system and set the ECU in a protected and known
state.
The NFSO1 pin is an open drain output. An external pull-up circuitry must be connected to VIO or VBAT.
The NFSO1 pin is controlled by an asynchronous OR of:
•
Asynchronous supervisor of internal voltage reference. When a difference between the main and
monitoring voltage reference is detected the NFSO1 pin is asserted low.
•
Synchronous monitor of main oscillator. When an oscillator frequency drift or a stuck at is detected the
NFSO1 pin is asserted low.
•
When a watchdog or FCCU fail occurs the NFSO1 pin is asserted low.
SPSB100
Functional description
DS14640 - Rev 1
page 41/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com