Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 11Page - STMicroelectronics SPSB100 Datasheet HTML 12Page - STMicroelectronics SPSB100 Datasheet HTML 13Page - STMicroelectronics SPSB100 Datasheet HTML 14Page - STMicroelectronics SPSB100 Datasheet HTML 15Page - STMicroelectronics SPSB100 Datasheet HTML 16Page - STMicroelectronics SPSB100 Datasheet HTML 17Page - STMicroelectronics SPSB100 Datasheet HTML 18Page - STMicroelectronics SPSB100 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 214 page
background image
If the BOOST function is not used (USER-NVM BOOST_DIS = ’1’ or SPI bit BOOST_OFF = 1):
•
At power-up, the bypass control is enabled, turning on the external switch (BYPASS_STATUS = 1), as soon
as the state machine reaches the INIT state and following successful safety checks.
•
In ACTIVE–FULL-POWER mode and in RECOVERY-1 state, the BYPASS switch is turned on whatever the
VS voltage (BYPASS_STATUS = 1).
•
In ACTIVE–LOW-POWER mode, DEEP-SLEEP or RECOVERY-2 state, the BYPASS controller is disabled,
turning off the external switch (BYPASS_STATUS = 0).
The block diagram of the device when boost is not used is shown in the figure Figure 8.
Note:
The D1_rev_protection diode is needed only if there is not a reverse battery protection solution already
implemented in the application.
Figure 8. Boost controller disabled block diagram
Logic
GLB
Boost
Driver
Stage
FBB
Vth
Boost_En
PWM
Duty Cycle Control
AND
Enable
VS
Vbat
D1_rev_protection
Output voltage sense
GBY
Bypass Driver
V compth1
V compth2
V compth3
Rpr
CVBAT
DLB
3.2.1
Power-up/down and voltage drop behavior
The boost role is crucial for SPSB100 operation, so its behavior related to normal or accidental variation of
voltage supply should be clearly defined. General behavior is described in the following figures.
Figure 9. Battery plug/unplug behavior
VS
VFBB
1xVT
analog 3.3V
begins to
rise
BGP,
dig 3.3V
woken up
digital por_n
all 3.3V
monitoring ok
clocks, vref, iref
available
starts osc,
vref, iref
Read
NVM
START -
UP
POWER-OFF
START-SM
VFBB_UV_R # 5.25 or 6.25V
BOOST enable
VFBB high enough in INIT
state to start the BOOST IP
VS high enough =>
no need to boost
INIT
analog por_n
VS < 3V  not enough to ensure the
BOOST performances, IRQ sent to MCU
POWER-OFF
BUCKs on
BUCKs off
SBSB100
state
BOOST switching
executes
Power-Up
sequence
REC-1
Trig WD
VS high enough =>
no need to boost
State depends
on SW action
IRQ
ACTIVE
ACTIVE or REC-1 or REC-2 or INIT
state
VS_UV_EW
FBB_UV_EW
13.5V
Early Warning IRQ sent to MCU  SW able to react
SPSB100 forces transition to INIT via REC-2
with active pull down on regulator outputs,
SPSB100 ready to restart
FBB_UV
IRQ flags :
Safety
checks
BOOST switching
BOOST switching
VFBB high enough to start
Power-Up sequence
(1)
(1)
(1)
(1) Digital comparator in ACTIVE – Full-Power & REC -1, programmable threshold.
BYPASS ON
BYPASS turned ON
REC-2
INIT
No IRQ, but flag is set
EW = Early warning
VFBB_UV_F # 4.9 or 5.75V
VFBB_REGn # 8 or 9.5V
VTH_BYPASS_Rn # 9 or 10.5V
VTH_BYPASS_Fn # 8.75 or 10V
BYPASS turned OFF
VFBB_OK_R # 7.2 or 9V
VVS_UV_EW
Programmable
From 2.6 to 9.8V
VVS_UV_EW
VS_UV_EW
VFBB_UV_EW programmable
from 8.36V to 5V
VPORVS_F # 2.15V
VPORVS_R # 4.75
SPSB100
Functional description
DS14640 - Rev 1
page 15/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com