Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 33 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 29Page - STMicroelectronics SPSB100 Datasheet HTML 30Page - STMicroelectronics SPSB100 Datasheet HTML 31Page - STMicroelectronics SPSB100 Datasheet HTML 32Page - STMicroelectronics SPSB100 Datasheet HTML 33Page - STMicroelectronics SPSB100 Datasheet HTML 34Page - STMicroelectronics SPSB100 Datasheet HTML 35Page - STMicroelectronics SPSB100 Datasheet HTML 36Page - STMicroelectronics SPSB100 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 214 page
background image
To transit to LOW-POWER mode the following sequence must be played by the MCU:
•
Assert low NFSO1 output (optional).
•
Reconfigure watchdog timing (optional).
•
Disable the watchdog by setting WD_LP_ENA = 0 (optional).
•
Turn off the FCCU monitoring feature.
•
Turn OFF regulators BUCK3 and LDO2.
•
BUCK1 and/or BUCK2 can be kept ON if one of it is used to supply VIO.
•
Configure wake-up sources and IRQ generation (optional).
Until this step, the SPSB100 is still in FULL-POWER mode, but with tuned settings.
•
Set to 1 SPI bit LOW_POWER_SET (only after SPI_PROTECT_ACCESS has been set).
This last action sets SPSB100 in LOW-POWER mode, SPSB100 generates an interruption to confirm the proper
entrance in LOW-POWER mode (except if MASK_LP_READY_IRQ is set) and sets status bit LP_READY.
To transit from LOW-POWER to FULL-POWER mode the following sequence must be played by the MCU:
•
Clear to 0 SPI bit LOW_POWER_SET (only after SPI_PROTECT_ACCESS has been set).
This first action sets SPSB100 in FULL-POWER mode, SPSB100 generates an interruption to confirm the proper
entrance in FULL-POWER mode and sets status bit FP_READY. MCU must wait for this confirmation before
continuing, then:
•
Clear low power setting of regulator(s) 1 and/or 2 kept ON before its/their load current increases.
•
Turn ON other regulator(s) as per application needs.
•
Reconfigure watchdog timing to satisfy functional safety requirements (optional).
•
Turn ON the FCCU monitoring feature.
•
Trigger watchdog during LOW if WD_LP_ENA = 0 (optional).
•
Configure wake-up sources and IRQ generation (optional).
•
Deassert NFSO1 output.
The low-level hardware monitoring is turned back ON when SPI bit LOW_POWER_SET is cleared. If a hardware
fault is detected, SPSB100 transits asynchronously to DEEP-SLEEP state.
LOW_POWER_SET, FP_READY and LP_READY are not automatically cleared in case of transition due to hard
fail.
3.6.3.6
RECOVERY-1 state
SPSB100 enters in RECOVERY-1 state in two cases:
•
From INIT state after the power-up sequence ended successfully.
•
From ACTIVE state after a WD trigger issue or a FCCU fault is detected.
When entering the RECOVERY-1 state:
•
NFSO1 output is asserted low.
•
FCCU monitoring is turned OFF.
•
WD starts a LOW, except if LOW_SET = 1111.
In this state all voltage regulators are set according to the power-up sequence settings stored in USER-NVM. If
some of the voltage regulators configured in the power-up sequence were switched off in ACTIVE state through
the SPI, they are enabled upon entering in RECOVERY-1 state.
The transition from RECOVERY-1 to ACTIVE state is started after the MCU has read and cleared error flags (if
any, see the Section 9.8: Status register that must be cleared to enter into active FP mode) and trigged the WD in
LOW.
In RECOVERY-1 state, the MCU cannot deassert NFSO1 output. A further WD trigger fault generates a NRST
low pulse of at least 4 ms long. See the Section 3.10: Configurable time-out window watchdog for further details.
If FCCU is enabled by MCU and a FCCU fault is detected then SPSB100 remains in RECOVERY-1 state and
generates a NRST low pulse of at least 6 ms long. See the Section 3.11: FIN1 input for details.
3.6.3.7
RECOVERY-2 state
SPSB100 enters in RECOVERY-2 state from ACTIVE state and generates status register bit FSM_TO_REC2 = 0
in case of:
•
DO_POWER_CYCLE SPI command (only after SPI_PROTECT_ACCESS has been set).
•
The temperature of the central sensor overpassed the TSDC threshold.
SPSB100
Functional description
DS14640 - Rev 1
page 33/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com