Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 20Page - STMicroelectronics SPSB100 Datasheet HTML 21Page - STMicroelectronics SPSB100 Datasheet HTML 22Page - STMicroelectronics SPSB100 Datasheet HTML 23Page - STMicroelectronics SPSB100 Datasheet HTML 24Page - STMicroelectronics SPSB100 Datasheet HTML 25Page - STMicroelectronics SPSB100 Datasheet HTML 26Page - STMicroelectronics SPSB100 Datasheet HTML 27Page - STMicroelectronics SPSB100 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 214 page
background image
3.6.2.2
Watchdog trig and FCCU monitor faults management
The watchdog is launched during the power-up sequence when the NRST pin is deasserted high, it starts with a
long open window timeout. After the power-Up sequence, the SPSB100 reaches RECOVERY-1 state which is
dedicated to watchdog and FCCU monitor faults management.
Figure 13. State machine details with WD trig and FCCU monitor faults management
ACTIVE
state
WD trigger OK*
LOW-POWER
mode
FULL-POWER
mode
SPI cmd
SPI cmd
WD trigger OK*
(WD failed @ REC -1 & cnt = 8)*
Execute
Power-Up
sequence
Finished OK
INIT
state
REC-1
state
Execute
Power-Down
sequence
REC-2
state
(WD trigger fail & cnt = 8)*
NFSO asserted
WD trigger fail
OR FCCU fail
DEEP-SLEEP
state
Wake-up
event
Execute
Power-Down
sequence
(WD trigger fail & cnt ≥ 15)*
WD LOW trigger OK
AND error cleared
NRESET asserted 4ms
for WD fail or 6ms for
FCCU fail, then WD
restarted in L.O.W.*
NFSO &
NRESET
asserted,
FCCU
disabled
Execute Power -
Up sequence
(NRESET not
deasserted)
Finished OK
VFBB_OK_R < VFBB < VFBB_OV
* when LOW_SET = 1111, watchdog service is disabled
(WD trigger fail & cnt !=8,15)*
OR (FCCU enabled & fail)
While in RECOVERY-1 state, a read and clear of error flags and a proper trig of the watchdog in long open
window timeout will initiate a transition to ACTIVE state.
If the watchdog is triggered without clearing all flags, then the device remains in RECOVERY-1 state and the
watchdog runs with normal window timings.
In an ACTIVE state the watchdog runs with normal window timings. Proper trig of the watchdog maintains
SPSB100 in an ACTIVE state, while a failure in watchdog service or a fault detected on FCCU monitor will:
•
Increment the watchdog trig fault counter (only on watchdog trig fault);
•
Assert NRST pin low;
•
Disable and reset the FCCU monitor;
•
Initiate a power-up sequence: this is mandatory to power backup regulators that could have been switched
off by SPI.
Then the NRST pin remains asserted for 4 ms, at least, in case of watchdog trig fault, 6 ms at least, in case of
FCCU monitor fault, before being released, watchdog starts a long open window timeout and SPSB100 reaches
RECOVERY-1 state.
In case of successive faults in servicing the watchdog in a long open window the watchdog trig fault counter is
incremented, a power-up sequence is run, a 4 ms NRST pulse is generated and a long open window timeout is
restarted.
If the watchdog is properly served during the long open window, then the watchdog trig fault counter is reset and
SPSB100 enters in ACTIVE state.
The 8 successive watchdog trig faults force SPSB100 to initiate a power cycle through RECOVERY-2 and INIT
states. And in case of 15 successive watchdog trig faults SPSB100 will enter in a DEEP-SLEEP state.
Note:
In this specific case, the IVDS current consumption is higher (worst case 4.8 mA max) than expected (40 μA
max).
The FCCU monitor is disabled and its configuration reset after the first watchdog trig fault. FCCU monitor can be
reconfigured and enabled through SPI in RECOVERY-1 or ACTIVE state.
SPSB100
Functional description
DS14640 - Rev 1
page 24/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com