Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 5Page - STMicroelectronics SPSB100 Datasheet HTML 6Page - STMicroelectronics SPSB100 Datasheet HTML 7Page - STMicroelectronics SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics SPSB100 Datasheet HTML 10Page - STMicroelectronics SPSB100 Datasheet HTML 11Page - STMicroelectronics SPSB100 Datasheet HTML 12Page - STMicroelectronics SPSB100 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 214 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
ISGND
Maximum current at SGND(3)
-1.25
-
1.25
A
IVIN12
Maximum current at VIN12(3) (x 2)
-5
-
5
A
IPGND1, IPGND2 Maximum current at PGND1 and 2(3) (x 2)
-5
-
5
A
IPH1, IPH2
Maximum current at PH1 and 2(3) (x 2)
-5
-
5
A
IVIN3
Maximum current at VIN3(3) (x 3)
-5
-
5
A
IPGND3
Maximum current at PGND3(3) (x 3)
-5
-
5
A
IPH3
Maximum current at PH3(3) (x 4)
-5
-
5
A
VPGND
PGND versus GND
-0.3
-
0.3
V
VGND
SGND versus GND
-0.3
-
0.3
V
1. Transients on this pin can be tolerated for a duration < 100 ns, not exceeding -3 V.
2. Guaranteed by design.
3. Values for the absolute maximum DC current through the bond wires. This value does not consider maximum power
dissipation or other limits. Guaranteed by design.
2.3
ESD robustness
Table 4. ESD protection
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Pins
All pins
HBM(1)
-2
-
2
kV
Power output pin
OUT_HS
HBM(2)
-4
-
4
kV
Pins(3)
All pins
CDM (values for corner pins in brackets)
-500/(-750)
-
500/(750)
V
1. HBM (human body model, 100 pF, 1.5 kΩ) according to the AEC-Q100-0022.
2. HBM with all none zapped pins grounded.
3. CDM (charged device model) according to the AEC-Q100-011.
2.4
Temperature ranges and thermal data
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Tamb
Operating temperature (ECU environment)
-40
-
125
°C
Tj
Operating junction temperature
-40
-
175
°C
Tstg
Storage temperature
-55
-
150
°C
TW (1)
Thermal over temperature warning threshold
140
-
160
°C
TSD (1)
Thermal shut-down junction temperature
165
-
185
°C
TSDC
Central thermal shut-down junction temperature
175
-
195
°C
TSDhys
Thermal shut-down temperature hysteresis
0
5
10
°C
TF_TJ
Thermal warning/shutdown filter time
Covered by scan
60
75
90
µs
TF_TSDC
Central thermal shutdown filter time
Covered by scan
25.6
32
38.4
µs
RTh j-amb
Thermal resistance junction-to-ambient
4 layers board
19
°C/W
1. Non-overlapping.
SPSB100
Maximum ratings
DS14640 - Rev 1
page 9/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com