Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 28Page - STMicroelectronics SPSB100 Datasheet HTML 29Page - STMicroelectronics SPSB100 Datasheet HTML 30Page - STMicroelectronics SPSB100 Datasheet HTML 31Page - STMicroelectronics SPSB100 Datasheet HTML 32Page - STMicroelectronics SPSB100 Datasheet HTML 33Page - STMicroelectronics SPSB100 Datasheet HTML 34Page - STMicroelectronics SPSB100 Datasheet HTML 35Page - STMicroelectronics SPSB100 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 214 page
background image
•
From RECOVERY-2 state when:
–
MCU sent a SPI command DO_POWER_CYCLE (only after SPI_PROTECT_ACCESS has been set)
in ACTIVE or RECOVERY-1 state.
–
FBB pin voltage is below VFBB_UV_F and VS pin voltage above VPORVS_F.
–
One thermal sensor detected a TSD event, the chip temperature cooled down and the TSD counter
does not reached 3.
–
A fault has been detected on a critical regulator output voltage (REGFAIL_GO_REC = 1).
–
8 successive watchdog trigger faults have been detected
•
In case a fault has been detected during the power-up sequence and the power-up retry counter does not
reach 3, or LOOP_FOR_EVER bit is set to 1.
In INIT state, when FBB pin voltage rises above VFBB_OK_R (the minimum voltage allowing SPSB100 to
power
‑up), SPSB100 executes the digital BIST before initiating a power-up sequence.
3.6.3.5
ACTIVE state
ACTIVE state is the state reached after a successful power-up sequence, after the MCU did a read and clear of
SPI error flags in RECOVERY-1 state and trig the watchdog in long open window timeout.
In ACTIVE state the SPSB100 can be configured in FULL- or LOW- POWER modes.
In both modes the MCU can configure the watchdog timings and control NFSO1 pin through SPI.
Reactions to fault detection are independent of the POWER modes.
3.6.3.5.1
FULL-POWER mode
FULL-POWER mode is the default mode when entering ACTIVE state from RECOVERY-1 state.
In FULL-POWER mode, all features of SPSB100 are accessible and configurable by SPI registers, in particular
MCU can switch OFF some regulators to optimize ECU power consumption.
In FULL-POWER mode, regulator monitors are active and analog and digital BIST can be run on demand by the
MCU. Watchdog is running and must be served, except if LOW_SET = 1111. NFSO1 pin is controllable by SPI
register.
3.6.3.5.2
LOW-POWER mode
LOW-POWER mode is accessible by SPI in ACTIVE state from FULL-POWER mode. In this mode the SPSB100
power consumption is reduced by:
•
Turning OFF low-level hardware monitors.
•
Turning OFF the redundant voltage and current bias blocks.
•
Turning OFF NVM runtime checks.
•
Turning OFF the ADC.
•
Analog and digital BIST shall not be executed on demand.
In LOW-POWER mode:
•
The watchdog is running and must be served (except if WD_LP_ENA is set at 0), its timing is configurable
to further reduce power consumption.
•
Central thermal monitoring is active,
•
If BUCK 1 and/or BUCK 2 and/or LDO 1 is/are kept ON in its/their low power setting then OV and UV
monitoring are active (see the Section 3.8: User's NVM modification procedure for functional safety details).
•
Other regulators must be turned OFF before entering in LOW-POWER mode,
MCU can decide to leave this mode by SPI command and return to FULL-POWER mode.
In LOW-POWER mode the VIO must be supplied and SPSB100 offers three possibilities:
•
All regulators are turned OFF: in this case VIO must be supplied by an external regulator.
•
Only BUCK1 is kept ON in its low-power configuration. BUCK1, or an external regulator, is used to supply
VIO.
•
BUCK1 and 2 are kept ON in their low-power configuration. BUCK1 or 2, or an external regulator, are used
to supply VIO.
3.6.3.5.3
Transitions between FULL-POWER and LOW-POWER modes
Transitions between the two modes are under the responsibility of the MCU.
SPSB100
Functional description
DS14640 - Rev 1
page 32/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com