Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 4Page - STMicroelectronics SPSB100 Datasheet HTML 5Page - STMicroelectronics SPSB100 Datasheet HTML 6Page - STMicroelectronics SPSB100 Datasheet HTML 7Page - STMicroelectronics SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics SPSB100 Datasheet HTML 10Page - STMicroelectronics SPSB100 Datasheet HTML 11Page - STMicroelectronics SPSB100 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 214 page
background image
Symbol
Parameter
Condition
Min Typ Max Unit
VGBY
Bypass gate driver voltage range
VGBY < VFBB + 0.3 V
-0.3
-
40
V
VREG
3.3 V regulator output for bucks bootstrap
-0.3
-
4.6
V
VIN12_JS
BUCK1 and 2 input voltage range
Jump start
VIN12 < VFBB + 0.3 V
-0.3
-
29
V
VIN12_LD
BUCK1 and 2 input voltage range
VIN12 < VFBB + 0.3 V
Load dump 400 ms max
-0.3
-
40
V
VFB1
BUCK1 input voltage range
VFB1 < VFBB + 0.3 V
-0.3
-
20
V
VFB2
BUCK2 input voltage range
VFB2 < VFBB + 0.3 V
-0.3
-
20
V
VPH1(1)
BUCK1 input voltage range
-0.3
-
40
V
VPH2(1)
BUCK2 input voltage range
-0.3
-
40
V
VBST1
BUCK1 input voltage range
-0.3
-
40
V
VBST2
BUCK2 input voltage range
-0.3
-
40
V
VCOMP1
BUCK1 input voltage range
-0.3
-
4.6
V
VCOMP2
BUCK2 input voltage range
-0.3
-
4.6
V
VIN3
BUCK3 input voltage range
-0.3
-
20
V
VFB3
Buck3 feedback voltage range
-0.3
-
20
V
VPH3(1)
Buck3 feedback voltage range
-0.3
-
20
V
VBST3
Buck3 feedback voltage range
-0.3
-
20
V
VCOMP3
Buck3 feedback voltage range
-0.3
-
4.6
V
VLDO1
Stabilized supply voltage 1
VLDO1 < VFBB
-0.3
-
6.5
V
VLDO2
Stabilized supply voltage 2
VLDO2 < VFBB
-0.3
-
20
V
VIO
I/O supply voltage
-0.3
-
20
V
VSDI
Logic input
-0.3
-
20
V
VCLK
Logic input
-0.3
-
20
V
VCSN
Logic input
-0.3
-
20
V
VSDO
Logic output
-0.3
-
20
V
VNRST
Open drain output (with internal pull up)
-0.3
-
20
V
VIRQ
Open drain output (with internal pull up)
-0.3
-
20
V
VSWDBG
Debug input pin voltage range
-0.3
-
20
V
VFIN1
FIN1 input voltage range
-0.3
-
20
V
VNFSO1
Open drain output (without internal pull up)
-0.3
-
40
V
VWU_JS
DC wake-up input voltage
Jump start
-0.3
-
29
V
VIGN_JS
DC wake-up input voltage
Jump start
-0.3
-
29
V
VWU_LD
DC wake-up input voltage
Load dump 400 ms max
-0.3
-
40
V
VIGN_LD
DC wake-up input voltage
Load dump 400 ms max
-0.3
-
40
V
IInput(2)
Current injection into FBB related input pins WU, IGN
-20
-
20
mA
Iout_inj(2)
Current injection into FBB related outputs OUT_HS
-20
-
20
mA
VOUT_HS
Output voltage
-0.3
-
40
V
IOUT_HS
Current injection OUT_HS(2)
-20
-
20
mA
SPSB100
Maximum ratings
DS14640 - Rev 1
page 8/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com