Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 34Page - STMicroelectronics SPSB100 Datasheet HTML 35Page - STMicroelectronics SPSB100 Datasheet HTML 36Page - STMicroelectronics SPSB100 Datasheet HTML 37Page - STMicroelectronics SPSB100 Datasheet HTML 38Page - STMicroelectronics SPSB100 Datasheet HTML 39Page - STMicroelectronics SPSB100 Datasheet HTML 40Page - STMicroelectronics SPSB100 Datasheet HTML 41Page - STMicroelectronics SPSB100 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 214 page
background image
It is forbidden to enable regulators in the USER-NVM-PROG-1 state.
The USER-NVM emulated values are lost if power supply at VS pin is below VPORVS_R.
During emulation mode the value of U_NVM_CRC0 and U_NVM_CRC1 bits in DCR17 and DCR25 is not
considered by the device.
In USER-NVM emulation mode the runtime check of USER-NVM is disabled. For this reason, the USER-NVM
emulation mode shall be used for debug purpose only.
3.8.3
USER-NVM programming procedure
The user can emulate the USER-NVM as many times as he wants as far as the USER-NVM is not programmed
by the user. Once programmed by user, the USER-NVM cannot be emulated and the device proceeds with valid
data stored in USER-NVM.
To program USER-NVM, it is necessary to first emulate the USER-NVM with desired configuration. During this
emulation for programming, the user must perform at least write to DCR17 and DCR25 with any value
corresponding to its need. This is needed to initiate some bits that will be used to allow proper programming.
USER-NVM uses NVM CRC to check that NVM content is correct but during programming, the user does not
have to care of this because the correct CRC will be calculated by SPSB100 from emulated data and will be
programmed with emulated data.
Then, instead of GO_INIT bit set through SPI access, the user must set the U-NVM_PROG bit (only after
SPI_PROTECT_ACCESS has been set). This starts the USER-NVM programming and sets the device in USER-
NVM-PROG-2 state.
When the USER-NVM programming is completed, the status bit NVM_PROG_DONE is set. The user can read
this status bit through SPI access. When this bit is set, the user can read the NVM_PROG_OK status bit to verify
that the USER-NVM programming has completed correctly because the USER-NVM programming is followed by
the USER-NVM verification.
If the USER-NVM programming has failed and the NVM_PROG_OK status bit is low when the
NVM_PROG_DONE status bit is set, the user may request a new programming by resetting the U-NVM_PROG
control bit (only after SPI_PROTECT_ACCESS has been set) then setting again this bit. This operation can be
done 2 times, so there is a maximum programming of 3 times. If at the end of 3 USER_NVM programming
request, NVM_PROG_OK is still low when NVM_PROG_DONE is high, the chip cannot anymore be programmed
and cannot start correctly. In this case, any new programming request is ignored.
After valid USER-NVM programming procedure the U_NVM SPI registers from DCR10 to DRC28 can be only
readable.
3.8.4
Loading USER-NVM data in RAM image
To program the USER-NVM it is necessary to load the data (CRC included) in a dedicated portion of the RAM. It
is automatically done by state machine.
3.9
Wake-up inputs: IGN and WU
Both inputs can be configured as wake-up sources (through IGN_ENA and WU_ENA control bits). In particular,
the input IGN can be used as a wake-up source connected to ignition (KL15) via a resistor.
The voltage can be also read back via SPI through a 10-bit ADC monitoring (IGN[9..0] bits, in addition to WU[9..0]
ones). This can be achieved only if WU_CONFIG bit and IGN_CONFIG bit are set to ”1”.
Each wake-up input is sensitive to any level transition (positive and negative edge) and can be configured for
static or cyclic monitoring of the input voltage level by suitable setting of bits WU_FILT and IGN_FILT which allows
to choose the monitoring among static or cyclic with timer. When the configuration of a timer is changed, the timer
is automatically restarted using the new configuration.
For static contact monitoring, a filter time of tWU_stat, tIGN_stat is implemented. The filter is started when the input
voltage crosses the specified threshold Vwuthp, VIGNthp (both thresholds are linked to VFBB level). Wake-up status
bit (WU_WAKE and IGN_WAKE bits) is set only if this threshold is passed for more than tWU_stat, tIGN_stat.
Cyclic contact monitoring allows instead periodical (not threshold dependent) activation of the wake-up input to
read the status of the external contact. The periodical activation is driven by timer whose settings (on-time and
period) can be configured through T1_PER[2..0] and T1_ENA[2..0] bits.
SPSB100
Functional description
DS14640 - Rev 1
page 38/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com