Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 36Page - STMicroelectronics SPSB100 Datasheet HTML 37Page - STMicroelectronics SPSB100 Datasheet HTML 38Page - STMicroelectronics SPSB100 Datasheet HTML 39Page - STMicroelectronics SPSB100 Datasheet HTML 40Page - STMicroelectronics SPSB100 Datasheet HTML 41Page - STMicroelectronics SPSB100 Datasheet HTML 42Page - STMicroelectronics SPSB100 Datasheet HTML 43Page - STMicroelectronics SPSB100 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 214 page
background image
It is possible to disable the watchdog in ACTIVE - LOW-POWER mode only through the WD_LP_ENA bit set at
“0” (only after SPI_PROTECT_ACCESS has been set). If WD_LP_ENA is set high during ACTIVE - LOW-
POWER mode, the watchdog will stay disabled and will restart with a long open window after the transition Active-
LP to Active-FP.
Fault conditions can be detected through the following bits:
•
The status bit WD_ENA_ECHO indicates that the watchdog is running when high.
•
The status bit WD_ENA_ECHO_ERROR indicates a watchdog echo error and generates an IRQ. This
error can be masked by MASK_WD_ENA_ECHO_ERROR_IRQ.
•
In case of watchdog fail a flag WDFAIL is set and the watchdog fail counter WDFAIL_CNT is incremented
up to 15 consecutive watchdog trig faults. After 15 consecutive watchdog trig faults, the bit
FORCED_SLEEP_WDFAIL is set and the device will reach the DEEP-SLEEP state.
•
WDFAIL_CNT can be reset by CLR_WDFAIL_CNT bit.
•
The microcontroller can know the current state of watchdog by reading WD_TIMER_STATE(1-0)
WD_TIMER_STATE = 00, WD trig is too early widow trig, WD_TIMER_STATE = 01, WD trig is in valid
window trig.
3.11
FIN1 input
SPSB100 integrates an MCU fault monitoring called FCCU. FCCU block can be configured to detect error
reported by the MCU through FIN1 input. Two error reporting protocols are available: static and dynamic
protocols.
3.11.1
Static protocol
In this protocol MCU signals its own errors to SPSB100 by driving FIN1 input pin at low or high level.
MCU shall configure the SPSB100 FCCU block as the following:
•
FCCU_PROTOCOL shall be reset to 0.
•
FCCU_STATIC_ERROR shall be reset to 0 if MCU signals error driving FIN1 low, or set to 1 if MCU signals
error driving FIN1 high.
•
MCU shall drive FIN1.
•
FCCU_ENA shall be set at 1 to enable the monitoring feature (only after SPI_PROTECT_ACCESS has
been set).
3.11.2
Dynamic protocol
In this protocol MCU signals its own error to SPSB100 by increasing the period, or half period, of the toggling
signal sent to FIN1 input.
The FCCU block shall be programmed to monitor half period of the toggling signal received on FIN1. The FCCU
block is made of a counter clocked by a 400 kHz clock derived from the main oscillator. The counter is reset at
each transition on FIN1 input, if the counter overflows then an error is signaled.
The counter overflow threshold is programmed on FCCU_COUNTER<12:0> (only after SPI_PROTECT_ACCESS
has been set). The oscillator accuracy shall be considered to calculate the value of this threshold, the following
formula can be used:
FCCU_COUNTER > FIN1_half_period * (400 kHz + main oscillator accuracy)
Example: with an MCU toggling signal at 4 882.8 Hz (min) with 50% of duty cycle, and 20% accuracy of SPSB100
oscillator.
FCCU_COUNTER > (204.8/2) µs * (400 kHz * 1.2) = 49.15
Gives FCCU_COUNTER = 50 at minimum.
MCU shall configure the SPSB100 FCCU block as the following:
•
FCCU_PROTOCOL shall be set to 1.
•
FCCU_STATIC_ERROR can be used to configure an internal pull-up (set to 1) or an internal pull-down
(reset to 0) on FIN1 input.
•
FCCU_COUNTER shall be loaded to the overflow threshold (only after SPI_PROTECT_ACCESS has
been set).
•
MCU shall drive FIN1 with the proper toggling signal.
•
FCCU_ENA shall be set at 1 to enable the monitoring feature (only after SPI_PROTECT_ACCESS has
been set).
SPSB100
Functional description
DS14640 - Rev 1
page 40/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com