Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 30Page - STMicroelectronics SPSB100 Datasheet HTML 31Page - STMicroelectronics SPSB100 Datasheet HTML 32Page - STMicroelectronics SPSB100 Datasheet HTML 33Page - STMicroelectronics SPSB100 Datasheet HTML 34Page - STMicroelectronics SPSB100 Datasheet HTML 35Page - STMicroelectronics SPSB100 Datasheet HTML 36Page - STMicroelectronics SPSB100 Datasheet HTML 37Page - STMicroelectronics SPSB100 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 214 page
background image
•
A fault on one of the regulators occurred and its REGFAIL_GO_REC configuration bit is set to 1.
•
FBB pin voltage falls below its power down threshold.
SPSB100 enters in RECOVERY-2 state from ACTIVE state and generates status register bit
REC2_FROM_DO_POWER_CYCLE = 01 in case of DO_POWER_CYCLE SPI command (only after
SPI_PROTECT_ACCESS has been set) REC2_FROM_DO_POWER_CYCLE can be cleared by
CLR_REC2_FROM_DO_POWER_CYCLE bit.
SPSB100 enters in RECOVERY-2 state from RECOVERY-1 state and generates status register bit
FSM_TO_REC2 = 1 in case of:
•
DO_POWER_CYCLE SPI command (only after SPI_PROTECT_ACCESS has been set).
•
The temperature of the central sensor overpassed the TSDC threshold.
•
A fault on one of the regulators occurred and its REGFAIL_GO_REC configuration bit is set to 1.
•
8 consecutive WD trigger faults.
•
FBB pin voltage falls below its power down threshold.
SPSB100 enters in RECOVERY-2 state from RECOVERY-1 state and generates status register bit
REC2_FROM_DO_POWER_CYCLE = 1X in case of DO_POWER_CYCLE SPI command (only after
SPI_PROTECT_ACCESS has been set) REC2_FROM_DO_POWER_CYCLE can be cleared by
CLR_REC2_FROM_DO_POWER_CYCLE bit.
When entering RECOVERY-2 state:
•
The NFSO1 output is asserted low.
•
FCCU monitoring is turned OFF.
•
NRST is asserted low and regulators are turned off according to the programmed power-down sequence.
•
In case of a TSD event the TSD counter is incremented and SPSB100 waits that the temperature cools
down.
From RECOVERY-2 state SPSB100 transits to DEEP-SLEEP state for unrecoverable fault, or to INIT state to
power-up again.
3.6.3.8
DEEP-SLEEP state - Unrecoverable faults
SPSB100 enters in DEEP-SLEEP state from ACTIVE-FULL-POWER mode or REC-1 states in case of:
•
DO_POWER_DOWN SPI command (only after SPI_PROTECT_ACCESS has been set).
•
Power ground lost.
SPSB100 enters in DEEP-SLEEP state from RECOVERY-1 state in case of:
•
DO_POWER_DOWN SPI command (only after SPI_PROTECT_ACCESS has been set).
•
Power ground lost.
•
15 consecutive WD trigger faults.
SPSB100 enters in DEEP-SLEEP state from RECOVERY-2 state in case of:
•
The temperature of one sensor overpassed the TSD threshold and the TSD counter (TSD_CNT_FAIL)
reached 3.
•
The counter of regulator (REG_FAIL_CNT) fail events reached 3.
When entering the DEEP-SLEEP state from ACTIVE or RECOVERY-1 states:
•
The NFSO1 output is asserted low.
•
FCCU monitoring is turned OFF.
•
NRST is asserted low and regulators are turned off according to the programmed power-down sequence.
SPSB100 remains in a DEEP-SLEEP state until a wake-up event occurs. The design of SPSB100 has been
optimized to offer a very-low power consumption while being wake-able by external events.
DEEP-SLEEP state is also entered:
•
In case of hardware low-level error, refer to the Section 4.8: HW low-level monitors for details.
•
From INIT state in case of safety check error, refer to the Section 4.17: Safety checks for details.
•
In case of repetitive power-up fault, refer to the Section 3.6.2.3: Power-up fault management.
SPSB100
Functional description
DS14640 - Rev 1
page 34/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com