Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPSB100 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 6Page - STMicroelectronics SPSB100 Datasheet HTML 7Page - STMicroelectronics SPSB100 Datasheet HTML 8Page - STMicroelectronics SPSB100 Datasheet HTML 9Page - STMicroelectronics SPSB100 Datasheet HTML 10Page - STMicroelectronics SPSB100 Datasheet HTML 11Page - STMicroelectronics SPSB100 Datasheet HTML 12Page - STMicroelectronics SPSB100 Datasheet HTML 13Page - STMicroelectronics SPSB100 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 214 page
background image
All the parameters are guaranteed in the temperature range -40 to 150 °C (unless otherwise specified); the device
is still operative and functional up to 185 °C.
The parameters limits at higher temperatures than 150 °C may change with respect to what is specified as per the
standard temperature range.
The device functionality over 150 °C is guaranteed by characterization.
The SPSB100 embeds a multitude of junctions housed in a relatively small piece of silicon. The devices contain,
among all the described features, two voltage regulators (one of which can work as a voltage tracker) and three
BUCK converters with internal power stages and one high side driver. For this reason, using the thermal
impedance of a single junction (that is, voltage regulator or major power dissipation contributor) does not allow to
predict thermal behavior of the whole device and therefore it is not possible to assess if a device is thermally
suitable for a given activation profile and loads characteristics. Thermal information is provided as temperature
reading by different clusters placed close to the most dissipative junctions. Some representative and realistic case
thermal profiles are described below in a 4 layers board.
Figure 3. VFQFN56+4L printed circuit board 4 layers - Top layer
The following describes 2 typical application scenarios related to system configuration 1 and differentiated based
on the BUCK1, 2 selected frequencies:
Vbat = 16 V, Rthja = 19 °C/W, Tjmax = 170 °C
Case A
•
LDO1 (5 V): charged with 100 mA (DC activation)
•
LDO2 (5 V): charged with 5 mA (DC activation)
•
OUT_HS: Iload = 20 mA (DC activation)
•
BUCK1 (3.3 V): charged with 1 A (DC activation) at 400 kHz
•
BUCK2 (5.0 V): charged with 1 A (DC activation) at 400 kHz
•
BUCK3 (0.98 V): charged with 2 A (DC activation) at 2.4 MHz
Case B
•
LDO1 (5 V): charged with 100 mA (DC activation)
•
LDO2 (5 V): charged with 5 mA (DC activation)
•
OUT_HS: Iload = 20 mA (DC activation)
•
BUCK1 (3.3 V): charged with 1 A (DC activation) at 2.4 MHz
SPSB100
Maximum ratings
DS14640 - Rev 1
page 10/214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com