Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet (PDF) - Analog Devices

ADAU1961WBCPZ-R7 Datasheet PDF - Analog Devices
Part # ADAU1961WBCPZ-R7
Download  ADAU1961WBCPZ-R7 Download
File Size   1967.11 Kbytes
Page   73 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL

ADAU1961WBCPZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAU1961WBCPZ-R7 Datasheet PDF - Analog Devices

Part # ADAU1961WBCPZ-R7
Download  ADAU1961WBCPZ-R7 Click to download

File Size   1967.11 Kbytes
Page   73 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL

ADAU1961WBCPZ-R7 Datasheet (HTML) - Analog Devices


ADAU1961WBCPZ-R7 Product details

FEATURES
► 24-bit stereo audio ADC and DAC: >98 dB SNR
► Sampling rates from 8 kHz to 96 kHz
► Low power: 17 mW record, 18 mW playback, 48 kHz
► 6 analog input pins, configurable for single-ended or differential
inputs
► Flexible analog input/output mixers
► Stereo digital microphone input
► Analog outputs: 2 differential stereo, 2 single-ended stereo, 1
mono headphone output driver
► PLL supporting input clocks from 8 MHz to 27 MHz
► Analog automatic level control (ALC)
► Microphone bias reference voltage
► Analog and digital I/O: 3.3 V
► I2C and SPI control interfaces
► Digital audio serial data I/O: stereo and time-division multiplexing
(TDM) modes
► Software-controllable clickless mute
► 32-lead, 5 mm × 5 mm LFCSP
► −40°C to +105°C operating temperature range
► AEC-Q100 qualified for automotive applications
APPLICATIONS
► Automotive head units
► Automotive amplifiers
► Navigation systems
► Rear-seat entertainment systems




Similar Part No. - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
985Kb / 76P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
929Kb / 77P
Audio Codec with Integrated PLL
Rev. A
More results


Similar Description - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
24-Bit Audio Codec with Integrated PLL
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com