Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADAU1961WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Data Sheet
ADAU1961
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
24-bit stereo audio ADC and DAC: >98 dB SNR
►
Sampling rates from 8 kHz to 96 kHz
►
Low power: 17 mW record, 18 mW playback, 48 kHz
►
6 analog input pins, configurable for single-ended or differential
inputs
►
Flexible analog input/output mixers
►
Stereo digital microphone input
►
Analog outputs: 2 differential stereo, 2 single-ended stereo, 1
mono headphone output driver
►
PLL supporting input clocks from 8 MHz to 27 MHz
►
Analog automatic level control (ALC)
►
Microphone bias reference voltage
►
Analog and digital I/O: 3.3 V
►
I2C and SPI control interfaces
►
Digital audio serial data I/O: stereo and time-division multiplexing
(TDM) modes
►
Software-controllable clickless mute
►
32-lead, 5 mm × 5 mm LFCSP
►
−40°C to +105°C operating temperature range
►
AEC-Q100 qualified for automotive applications
APPLICATIONS
►
Automotive head units
►
Automotive amplifiers
►
Navigation systems
►
Rear-seat entertainment systems
GENERAL DESCRIPTION
The ADAU1961 is a low power, stereo audio codec that supports
stereo 48 kHz record and playback at 35 mW from a 3.3 V analog
supply. The stereo audio ADCs and DACs support sample rates
from 8 kHz to 96 kHz as well as a digital volume control.
The record path includes an integrated microphone bias circuit and
six inputs. The inputs can be mixed and muxed before the ADC,
or they can be configured to bypass the ADC. The ADAU1961
includes a stereo digital microphone input.
The ADAU1961 includes five high power output drivers (two differ-
ential and three single-ended), supporting stereo head-phones, an
earpiece, or other output transducer. AC-coupled or capless config-
urations are supported. Individual fine level controls are supported
on all analog outputs. The output mixer stage allows for flexible
routing of audio.
The serial control bus supports the I2C and SPI protocols. The seri-
al audio bus is programmable for I2S, left-/right-justified, and TDM
modes. A programmable PLL supports flexible clock generation for
all standard integer rates and fractional main clocks from 8 MHz to
27 MHz.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
985Kb / 76P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
ADAU1961WBCPZ-R7 AD-ADAU1961WBCPZ-R7 Datasheet
929Kb / 77P
Audio Codec with Integrated PLL
Rev. A
More results

Similar Description - ADAU1961WBCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
24-Bit 96 kHz Stereo Audio Codec
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 92P
SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. C
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
24-Bit, 192 kHz Stereo Audio CODEC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
24-Bit Audio Codec with Integrated PLL
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com