Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
Data Sheet
ADAU1961
PLAYBACK SIGNAL PATH
analog.com
Rev. B | 33 of 73
Figure 43. Playback Signal Path
OUTPUT SIGNAL PATHS
The outputs of the ADAU1961 can be configured as a variety
of differential or single-ended outputs. All analog output pins are
capable of driving headphone or earpiece speakers. There are
selectable output paths for stereo signals or a downmixed mono
output. The line outputs can drive a load of at least 10 kΩ or can be
put into HP mode to drive headphones or earpiece speakers. The
analog output pins are biased at AVDD/2.
With a 0 dBFS digital input and AVDD = 3.3 V, the full-scale output
level is 920 mV rms.
Signals are inverted through the mixers and volume controls. The
result of this inversion is that the polarity of the differential outputs
and the headphone outputs is preserved. The single-ended mono
output is inverted. The DACs are noninverting.
Routing Flexibility
The playback path contains five mixers (Mixer 3 to Mixer 7) that
perform the following functions:
►
Mix signals from the record path and the DACs.
►
Mix or swap the left and right channels.
►
Mix a mono signal or generate a common-mode output.
Mixer 3 and Mixer 4 are dedicated to mixing signals from the record
path and the DACs. Each of these two mixers can accept signals
from the left and right DACs, the left and right input mixers, and the
dedicated channel auxiliary input. Signals coming from the record
path can be boosted or cut before the playback mixer.
For example, the MX4G2[3:0] bits set the gain from the output of
Mixer 2 (right record channel) to the input of Mixer 4, hence the
naming convention.
Signals coming from the DACs have digital volume attenu- ation
controls set in Register R20 (left input digital volume register, Ad-
dress 0x401A) and Register R21 (right input digital volume register,
Address 0x401B).
HEADPHONE OUTPUT
The LHP and RHP pins can be driven by either a line output driver
or a headphone driver by setting the HPMODE bit in Register
R30 (playback headphone right volume control register, Address
0x4024). The headphone outputs can drive a load of at least 16 Ω.
Separate volume controls for the left and right channels range from
−57 dB to +6 dB. Slew can be applied to all the playback volume
controls using the ASLEW[1:0] bits in Register R34 (playback pop/
click suppression register, Address 0x4028).
Capless Headphone Configuration
The headphone outputs can be configured in a capless output
configuration with the MONOOUT pin used as a dc virtual ground
reference. Figure 44 depicts a typical playback path in a capless
headphone configuration. Table 18 lists the register settings for this
configuration. As shown in this table, the MONOOUT pin outputs
common mode (AVDD/2), which is used as the virtual headphone
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com