Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 10Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 11Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 12Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
Data Sheet
ADAU1961
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 13 of 73
Figure 7. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
IOVDD
PWR
Supply for Digital Input and Output Pins. The digital output pins are supplied from IOVDD, which also sets the highest
input voltage that should be seen on the digital input pins. IOVDD should be set to 3.3 V. The current draw of this pin
is variable because it is dependent on the loads of the digital outputs. IOVDD should be decoupled to DGND with a
100 nF capacitor and a 10 μF capacitor.
2
MCLK
D_IN
External Main Clock Input.
3
ADDR0/CLATCH
D_IN
I2C Address Bit 0 (ADDR0).
SPI Latch Signal (CLATCH). Must go low at the beginning of an SPI transaction and high at the end of a transaction.
Each SPI transaction can take a different number of CCLKs to complete, depending on the address and read/write bit
that are sent at the beginning of the SPI transaction.
4
JACKDET/MICIN
D_IN
Detect Insertion/Removal of Headphone Plug (JACKDET).
Digital Microphone Stereo Input (MICIN).
5
MICBIAS
A_OUT
Bias Voltage for Electret Microphone.
6
LAUX
A_IN
Left Channel Single-Ended Auxiliary Input. Biased at AVDD/2.
7
CM
A_OUT
AVDD/2 V Common-Mode Reference. A 10 μF to 47 μF standard decoupling capacitor should be connected between
this pin and AGND to reduce crosstalk between the ADCs and DACs. This pin can be used to bias external analog
circuits, as long as they are not drawing current from CM (for example, the noninverting input of an op amp).
8
AVDD
PWR
3.3 V Analog Supply for DAC and Microphone Bias. This pin should be decoupled locally to AGND with a 100 nF
capacitor.
9
AGND
PWR
Analog Ground. The AGND and DGND pins can be tied together on a common ground plane. AGND should be
decoupled locally to AVDD with a 100 nF capacitor.
10
LINP
A_IN
Left Channel Noninverting Input or Single-Ended Input 0. Biased at AVDD/2.
11
LINN
A_IN
Left Channel Inverting Input or Single-Ended Input 1. Biased at AVDD/2.
12
RINP
A_IN
Right Channel Noninverting Input or Single-Ended Input 2. Biased at AVDD/2.
13
RINN
A_IN
Right Channel Inverting Input or Single-Ended Input 3. Biased at AVDD/2.
14
RAUX
A_IN
Right Channel Single-Ended Auxiliary Input. Biased at AVDD/2.
15
ROUTP
A_OUT
Right Line Output, Positive. Biased at AVDD/2.
16
ROUTN
A_OUT
Right Line Output, Negative. Biased at AVDD/2.
17
LOUTN
A_OUT
Left Line Output, Negative. Biased at AVDD/2.
18
LOUTP
A_OUT
Left Line Output, Positive. Biased at AVDD/2.
19
RHP
A_OUT
Right Headphone Output. Biased at AVDD/2.
20
LHP
A_OUT
Left Headphone Output. Biased at AVDD/2.
21
MONOOUT
A_OUT
Mono Output or Virtual Ground for Capless Headphone. Biased at AVDD/2 when set as mono output.
22
AGND
PWR
Analog Ground. The AGND and DGND pins can be tied together on a common ground plane. AGND should be
decoupled locally to AVDD with a 100 nF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com