Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADAU1961WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
Data Sheet
ADAU1961
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 73
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
Analog Performance Specifications, TA =
25°C................................................................. 3
Analog Performance Specifications, −40°C
< TA < +105°C.................................................. 5
Power Supply Specifications.............................. 7
Digital Filters.......................................................8
Digital Input/Output Specifications..................... 8
Digital Timing Specifications.............................. 9
Digital Timing Diagrams................................... 10
Absolute Maximum Ratings.................................12
Thermal Resistance......................................... 12
ESD Caution.....................................................12
Pin Configuration and Function Descriptions...... 13
Typical Performance Characteristics................... 15
System Block Diagrams...................................... 18
Theory of Operation.............................................21
Startup, Initialization, and Power......................... 22
Power-Up Sequence........................................ 22
Power Reduction Modes.................................. 22
Digital Power Supply........................................ 22
Input/Output Power Supply.............................. 22
Clock Generation and Management.................22
Clocking and Sampling Rates............................. 24
Core Clock........................................................24
Sampling Rates................................................24
PLL...................................................................25
Record Signal Path..............................................27
Input Signal Paths............................................ 27
Analog-to-Digital Converters............................ 29
Automatic Level Control (ALC)............................ 30
ALC Parameters...............................................30
Noise Gate Function.........................................31
Playback Signal Path...........................................33
Output Signal Paths......................................... 33
Headphone Output...........................................33
Pop-and-Click Suppression..............................35
Line Outputs.....................................................35
Control Ports........................................................36
Burst Mode Writing and Reading..................... 36
I2C Port.............................................................36
SPI Port............................................................39
Serial Data Input/Output Ports.............................40
Applications Information...................................... 42
Power Supply Bypass Capacitors.................... 42
GSM Noise Filter.............................................. 42
Grounding.........................................................42
Exposed Pad PCB Design............................... 42
Control Registers.................................................43
Control Register Details................................... 44
Outline Dimensions............................................. 73
Ordering Guide.................................................73
Automotive Products........................................ 73
REVISION HISTORY
7/2024—Rev. A to Rev. B
Changed Master to Main and Slave to Subordinate (Throughout).................................................................. 1
Updated Outline Dimensions......................................................................................................................... 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com