Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADAU1961WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
Data Sheet
ADAU1961
SPECIFICATIONS
analog.com
Rev. B | 5 of 73
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Dynamic Range
20 Hz to 20 kHz, −60 dBFS input, line output
mode
With A-Weighted Filter (RMS)
95
101
dB
No Filter (RMS)
93.5
98
dB
Total Harmonic Distortion + Noise
0 dBFS, 10 kΩ load
Line Output Mode
−92
−77
dB
Headphone Output Mode
−89
−79
dB
Signal-to-Noise Ratio
Line output mode
With A-Weighted Filter (RMS)
101
dB
No Filter (RMS)
98
dB
Mute Attenuation
Mixer 3 and Mixer 4 Muted
MX3RM, MX3LM, MX4RM, MX4LM = 0,
MX3AUXG[3:0], MX4AUXG[3:0] = 0000,
MX3G1[3:0], MX3G2[3:0] = 0000,MX4G1[3:0],
MX4G2[3:0] = 0000
−85
−78
dB
Mixer 5, Mixer 6, and Mixer 7 Muted
MX5G3[1:0], MX5G4[1:0], MX6G3[1:0],
MX6G4[1:0], MX7[1:0] = 00
−89
−80
dB
All Volume Controls Muted
LOUTM, ROUTM = 0
−82
−74
dB
MONOM, LHPM, RHPM = 0
−74
−69
dB
Interchannel Gain Mismatch
−0.3
−0.005
+0.3
dB
Offset Error
−22
0
+22
mV
Gain Error
−10
+3
+10
%
Interchannel Isolation
1 kHz, 0 dBFS input signal
100
dB
Power Supply Rejection Ratio
CM capacitor = 20 μF, 100 mV p-p @ 1 kHz
70
dB
DAC TO HEADPHONE/EARPIECE OUTPUT
LOUTx, ROUTx, LHP, RHP in headphone output
mode; PO = output power per channel
Full-Scale Output Voltage (0 dB)
Scales linearly with AVDD
0.92 (2.60)
V rms (V p-p)
Total Harmonic Distortion + Noise
−4 dBFS, 16 Ω load, PO = 21.1 mW
−82
dB
−4 dBFS, 32 Ω load, PO = 10.6 mW
−82
dB
Capless Headphone Mode
−2 dBFS, 16 Ω load
−78
−71
dB
−2 dBFS, 32 Ω load
−75
−65
dB
Headphone Output Mode
0 dBFS, 10 kΩ load
−86
−77
dB
Interchannel Isolation
1 kHz, 0 dBFS input signal, 32 Ω load
Referred to GND
73
dB
Referred to CM (capless headphone mode)
50
dB
Power Supply Rejection Ratio
CM capacitor = 20 μF, 100 mV p-p @ 1 kHz
67
dB
REFERENCE
Common-Mode Reference Output
CM pin
1.62
1.65
1.67
V
ANALOG PERFORMANCE SPECIFICATIONS, −40°C < TA < +105°C
IOVDD = 3.3 V ± 10%.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SINGLE-ENDED LINE INPUT
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
74
dB
No Filter (RMS)
71
dB
Total Harmonic Distortion + Noise
−1 dBFS
−67
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com