Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADAU1961WBCPZ-R7 Datasheet HTML 1Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 2Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 3Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 4Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 5Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 6Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 7Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 8Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
Data Sheet
ADAU1961
SPECIFICATIONS
analog.com
Rev. B | 3 of 73
Supply voltage (AVDD) = 3.3 V, TA = 25°C, main clock = 12.288 MHz (48 kHz fS, 256 × fS mode), input sample rate = 48 kHz, measurement
bandwidth = 20 Hz to 20 kHz, word width = 24 bits, CLOAD (digital output) = 20 pF, ILOAD (digital output) = 2 mA, VIH = 2 V, VIL = 0.8 V,
unless otherwise noted. Performance of all channels is identical, exclusive of the interchannel gain mismatch and interchannel phase deviation
specifications.
ANALOG PERFORMANCE SPECIFICATIONS, TA = 25°C
IOVDD = 3.3 V ± 10%.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG-TO-DIGITAL CONVERTERS
ADC performance excludes mixers and PGA
ADC Resolution
All ADCs
24
Bits
Digital Attenuation Step
0.375
dB
Digital Attenuation Range
95
dB
INPUT RESISTANCE
Single-Ended Line Input
−12 dB gain
80.4
kΩ
0 dB gain
21
kΩ
6 dB gain
10.5
kΩ
PGA Inverting Inputs
−12 dB gain
84.5
kΩ
0 dB gain
53
kΩ
35.25 dB gain
1.7
kΩ
PGA Noninverting Inputs
All gains
105
kΩ
SINGLE-ENDED LINE INPUT
Full-Scale Input Voltage (0 dB)
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
83.5
99
dB
No Filter (RMS)
83
96
dB
Total Harmonic Distortion + Noise
−1 dBFS
−90
−71
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
99
dB
No Filter (RMS)
96
dB
Input Mixer Gain per Step
−12 dB to +6 dB range
2.89
3
3.07
dB
Mute Attenuation
LINPG[2:0], LINNG[2:0] = 000, RINPG[2:0],
RINNG[2:0] = 000, MX1AUXG[2:0],
MX2AUXG[2:0] = 000
−85.5
−77
dB
Interchannel Gain Mismatch
−0.3
+0.032
+0.3
dB
Offset Error
−5
0
+5
mV
Gain Error
−17
−12
−8
%
Interchannel Isolation
68
dB
Power Supply Rejection Ratio
CM capacitor = 20 μF, 100 mV p-p @ 1 kHz
67
dB
PSEUDO-DIFFERENTIAL PGA INPUT
Full-Scale Input Voltage (0 dB)
1.0 (2.83)
V rms (V p-p)
Dynamic Range
20 Hz to 20 kHz, −60 dB input
With A-Weighted Filter (RMS)
94
98
dB
No Filter (RMS)
91
95
dB
Total Harmonic Distortion + Noise
−1 dBFS
−89
−83
dB
Signal-to-Noise Ratio
With A-Weighted Filter (RMS)
98
dB
No Filter (RMS)
95
dB
PGA Boost Gain Error
20 dB gain setting (RDBOOST[1:0],
LDBOOST[1:0] = 10)
−8
+0.4
+8
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com