Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 26Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
Data Sheet
ADAU1961
AUTOMATIC LEVEL CONTROL (ALC)
analog.com
Rev. B | 30 of 73
The ADAU1961 contains a hardware automatic level control (ALC).
The ALC is designed to continuously adjust the PGA gain to keep
the recording volume constant as the input level varies.
For optimal noise performance, the ALC uses the analog PGA to
adjust the gain instead of using a digital method. This ensures that
the ADC noise is not amplified at low signal levels. Extremely small
gain step sizes are used to ensure high audio quality during gain
changes.
To use the ALC function, the inputs must be applied either differen-
tially or pseudo-differentially to input pins LINN and LINP, for the
left channel, and RINN and RINP, for the right channel. The ALC
function is not available for the auxiliary line input pins, LAUX and
RAUX.
A block diagram of the ALC block is shown in Figure 36. The ALC
logic receives the ADC output signals and analyzes these digital
signals to set the PGA gain. The ALC control registers are used to
control the time constants and output levels, as described in this
section.
Figure 36. ALC Architecture
ALC PARAMETERS
The ALC function is controlled with the ALC control registers
(Address 0x4011 through Address 0x4014) using the following
parameters:
►
ALCSEL[2:0]: The ALC select bits are used to enable the ALC
and set the mode to left only, right only, or stereo. In stereo
mode, the greater of the left or right inputs is used to calculate
the gain, and the same gain is then applied to both the left and
right channels.
►
ALCTARG[3:0]: The ALC target is the desired input recording
level that the ALC attempts to achieve.
►
ALCATCK[3:0]: The ALC attack time sets how fast the ALC starts
attenuating after a sudden increase in input level above the ALC
target. Although it may seem that the attack time should be
set as fast as possible to avoid clipping on transients, using a
moderate value results in better overall sound quality. If the value
is too fast, the ALC overreacts to very short transients, causing
audible gain-pumping effects, which sounds worse than using a
moderate value that allows brief periods of clipping on transients.
A typical setting for music recording is 384 ms. A typical setting
for voice recording is 24 ms.
►
ALCHOLD[3:0]: These bits set the ALC hold time. When the
output signal falls below the target output level, the gain is not
increased unless the output remains below the target level for
the period of time set by the hold time bits. The hold time is used
to prevent the gain from modulating on a steady low frequency
sine wave signal, which would cause distortion.
►
ALCDEC[3:0]: The ALC decay time sets how fast the ALC
increases the PGA gain after a sudden decrease in input level
below the ALC target. A very slow setting can be used if the
main function of the ALC is to set a music recording level. A
faster setting can be used if the function of the ALC is to com-
press the dynamic range of a voice recording. Using a very fast
decay time can cause audible artifacts such as noise pumping
or distortion. A typical setting for music recording is 24.58 sec. A
typical setting for voice recording is 1.54 sec.
►
ALCMAX[2:0]: The maximum ALC gain bits are used to limit the
maximum gain that can be programmed into the ALC. This can
be used to prevent excessive noise in the recording for small
input signals. Note that setting this register to a low value may
prevent the ALC from reaching its target output level, but this
behavior is often desirable to achieve the best overall sound.
Figure 37 shows the dynamic behavior of the PGA gain for a
tone-burst input. The target output is achieved for three differ-ent
input levels, with the effect of attack, hold, and decay shown in the
figure. Note that for very small signals, the maximum PGA gain may
prevent the ALC from achieving its target level; in the same way,
for very large inputs, the minimum PGA gain may prevent the ALC
from achieving its target level (assuming that the target output level
is set to a very low value). The effects of the PGA gain limit are
shown in the input/output graph of Figure 38.
Figure 37. Basic ALC Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com