Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1961WBCPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADAU1961WBCPZ-R7
Description  Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1961WBCPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADAU1961WBCPZ-R7 Datasheet HTML 27Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 28Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1961WBCPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
Data Sheet
ADAU1961
AUTOMATIC LEVEL CONTROL (ALC)
analog.com
Rev. B | 31 of 73
Figure 38. Effect of Varying the Maximum Gain Parameter
NOISE GATE FUNCTION
When using the ALC, one potential problem is that for small input
signals, the PGA gain can become very large. A side effect of this
is that the noise is amplified along with the signal of interest. To
avoid this situation, the ADAU1961 noise gate can be used. The
noise gate cuts off the ADC output when its signal level is below
a set threshold. The noise gate is controlled using the following
parameters in the ALC Control 3 register (Address 0x4014):
►
NGTYP[1:0]: The noise gate type is set to one of four modes by
writing to the NGTYP[1:0] bits.
►
NGEN: The noise gate function is enabled by writing to the
NGEN bit.
►
NGTHR[4:0]: The threshold for muting the output is set by writing
to the NGTHR[4:0] bits.
One common problem with noise gate functions is chatter, where
a small signal that is close to the noise gate threshold varies
in amplitude, causing the noise gate function to open and close
rapidly. This causes an unpleasant sound.
To reduce this effect, the noise gate in the ADAU1961 uses a
combination of a timeout period and hysteresis. The timeout period
is set to 250 ms, so the signal must consistently be below the
threshold for 250 ms before the noise gate operates. Hysteresis is
used so that the threshold for coming out of the mute state is 6 dB
higher than the threshold for going into the mute state. There are
four operating modes for the noise gate.
Noise Gate Mode 0 (see Figure 39) is selected by setting the
NGTYP[1:0] bits to 00. In this mode, the current state of the
PGA gain is held at its current state when the noise gate logic
is activated. This prevents a large increase in background noise
during periods of silence. When using this mode, it is advisable to
use a relatively slow decay time. This is because the noise gate
takes at least 250 ms to activate, and if the PGA gain has already
increased to a large value during this time, the value at which the
gain is held will be large.
Figure 39. Noise Gate Mode 0 (PGA Gain Hold)
Noise Gate Mode 1 (see Figure 40) is selected by setting the
NGTYP[1:0] bits to 01. In this mode, the ADAU1961 does a simple
digital mute of the ADC output. Although this mode completely
eliminates any background noise, the effect of an abrupt mute may
not be pleasant to the ear.
Figure 40. Noise Gate Mode 1 (Digital Mute)
Noise Gate Mode 2 (see Figure 41) is selected by setting the
NGTYP[1:0] bits to 10. In this mode, the ADAU1961 improves the
sound of the noise gate operation by first fading the PGA gain over
a period of about 100 ms to the minimum PGA gain value. The
ADAU1961 does not do a hard mute after the fade is complete, so
some small background noise will still exist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com