Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02E-F Datasheet (PDF) - STMicroelectronics

M24M02E-F Datasheet PDF - STMicroelectronics
Part # M24M02E-F
Download  M24M02E-F Download
File Size   709.1 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address

M24M02E-F Datasheet (PDF)

Go To PDF Page Download Datasheet
M24M02E-F Datasheet PDF - STMicroelectronics

Part # M24M02E-F
Download  M24M02E-F Click to download

File Size   709.1 Kbytes
Page   54 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address

M24M02E-F Datasheet (HTML) - STMicroelectronics


M24M02E-F Product details

Features
I²C interface
• Compatible with the following I²C bus modes:
– 1 MHz (Fast-mode Plus)
– 400 kHz (Fast-mode)
– 100 kHz (Standard-mode)
Memory
• 2-Mbit (256-Kbyte) of EEPROM
• Page size: 256-byte
• Additional 256-byte identification page
Supply voltage
• Wide voltage range: 1.6 V to 5.5 V
Temperature
• Operating temperature range: -40 °C to +85 °C
Fast write cycle time
• Byte and page write within 4 ms (typically 3.3 ms)
Performance
• Enhanced ESD/latch-up protection
• More than 4 million write cycles
• More than 200-year data retention
• Fast wake-up time (less than 5 μs)
Ultralow power current consumption
• 350 nA (typical) in standby mode
• 100 μA (typical) for read current
• 500 μA (typical) for write current
Advanced features
• Configurable device address register
• Device type identifier register (in read-only)
• Preprogrammed device address
• Software write protection register
• Hardware write protection of the whole memory array
• Random and sequential read modes
Packages
• SO8N, TSSOP8, UFDFPN8, and WLCSP5 (ECOPACK2 compliant)




Similar Part No. - M24M02E-F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24M02 STMICROELECTRONICS-M24M02 Datasheet
1,005Kb / 40P
2-Mbit serial I²C bus EEPROM
18-Oct-2022
M24M02-A125 STMICROELECTRONICS-M24M02-A125 Datasheet
568Kb / 38P
Automotive 2-Mbit serial IC bus EEPROM with 1 MHz clock
08-Sep-2015
M24M02-BRCS6TG STMICROELECTRONICS-M24M02-BRCS6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRCS6TP STMICROELECTRONICS-M24M02-BRCS6TP Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
M24M02-BRMN6TG STMICROELECTRONICS-M24M02-BRMN6TG Datasheet
658Kb / 38P
2-Mbit serial IC bus EEPROM
July 2015 Rev 8
More results


Similar Description - M24M02E-F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52 MICROCHIP-24LCS52 Datasheet
81Kb / 12P
2K 2.5V I 2 C Serial EEPROM with Software Write Protect
1996
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
ADDRESS-LOOKUP DEVICE
TNETX15AEPGE TI1-TNETX15AEPGE Datasheet
990Kb / 79P
ADDRESS-LOOKUP DEVICE
logo
STMicroelectronics
M24C64X-FCU STMICROELECTRONICS-M24C64X-FCU Datasheet
469Kb / 35P
64-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 7 - September 2019
M24128X-FCU STMICROELECTRONICS-M24128X-FCU Datasheet
431Kb / 35P
128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
Rev 2 - October 2019
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
4K I2C Serial EEPROM with Software Write Protection
VER 1.1
logo
ON Semiconductor
N24S128 ONSEMI-N24S128 Datasheet
218Kb / 11P
128 Kb I2C CMOS Serial EEPROM with Software Write Protect and Programmable Device Address
April, 2019 - Rev. 2
logo
STMicroelectronics
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24M02-DR STMICROELECTRONICS-M24M02-DR_V01 Datasheet
1,005Kb / 40P
2-Mbit serial I²C bus EEPROM
18-Oct-2022
M24256X-F STMICROELECTRONICS-M24256X-F Datasheet
692Kb / 42P
256-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball WLCSP
Rev 2 - July 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com