Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02E-F Datasheet(PDF) 7 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 3Page - STMicroelectronics M24M02E-F Datasheet HTML 4Page - STMicroelectronics M24M02E-F Datasheet HTML 5Page - STMicroelectronics M24M02E-F Datasheet HTML 6Page - STMicroelectronics M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics M24M02E-F Datasheet HTML 10Page - STMicroelectronics M24M02E-F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
4.2
Configurable device address register (CDA)
The (CDA) is an 8-bit register that allows the user to define a configurable device address (C2) and includes a
specific bit, named device address lock (DAL), to permanently freeze the configurable device address register.
This register can be read and written by issuing the read or write configurable device address instruction. These
instructions use the same protocol and format as the random address read or page write (from/into memory array)
except for the following differences (refer to Table 9, Table 10, and Table 11):
•
Device type identifier = 1011
•
MSB address bits A15, A14, and A13 must be equal to 110
•
MSB address bits from A12 to A8 are don't care
•
LSB address bits from A7 to A0 are don't care
C2 and DAL are defining the chip enable address in the device select code and the device address lock. These
bits can be written and reconfigured with a write command.
At power-up or after reprogramming, the device loads the last configuration of C2 and DAL values. To prevent
unwanted change of configurable device address bits, the M24M02E-F proposes to protect the CDA register
permanently freezing it in read-only mode. The update of the CDA register is disabled (read-only) when the DAL
bit is set to 1 (DAL = 1).
In the same way, the update of the CDA register is enabled when the DAL bit is set to 0 (DAL = 0). Sending more
than one byte during a write configurable device address command aborts the write cycle (CDA register content
does not change).
Note:
•
Updating the DAL bit from 0 to 1 is an irreversible action: the C2 and DAL bits cannot be updated
anymore.
•
If the write control input (WC) is driven high, or if the DAL bit is set to 1 the write configurable device
address command is not executed, the accompanying data byte is not acknowledged, as shown in
Figure 7, and the write cycle does not start.
The description of the configurable device address register is given in Table 4.
Table 4. Configurable device address register
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
X (1)
X
X
X
C2
X
X
DAL
1. X = Don’t care bits. Read as 0.
Note:
The factory default value is 00000000.
For devices delivered with preprogrammed device address:
•
The default value of C2 is given in Table 6. Preprogrammed device address.
•
DAL is set to 1
Table 5. Configurable device address register description
Bit
Function
Bits b7 to b4, b1, and b2
Don’t care bits. Read as 0.
(b7, b6, b5, b4, b2, b1) = (0, 0, 0, 0, 0, 0)
Bit b3
C2: Configurable device address bit.
b3 is used to configure up to two possibilities of chip enable address:
•
b3 = 0: the chip enable address is 0
•
b3 = 1: the chip enable address is 1
Bit b0
DAL: Device address lock bit.
b0 locks the CDA register in read-only mode:
•
b0 = 0: bits b3 and b0 can be modified
•
b0 = 1: bits b3 and b0 cannot be modified and therefore the CDA register is frozen
Note: Bits b3 and b0 can be updated (if b0 = 0) in the same write instruction. Setting b0 from 0
to 1 is an irreversible action.
M24M02E-F
Device features
DS14157 - Rev 2
page 7/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com