Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02E-F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 23Page - STMicroelectronics M24M02E-F Datasheet HTML 24Page - STMicroelectronics M24M02E-F Datasheet HTML 25Page - STMicroelectronics M24M02E-F Datasheet HTML 26Page - STMicroelectronics M24M02E-F Datasheet HTML 27Page - STMicroelectronics M24M02E-F Datasheet HTML 28Page - STMicroelectronics M24M02E-F Datasheet HTML 29Page - STMicroelectronics M24M02E-F Datasheet HTML 30Page - STMicroelectronics M24M02E-F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
6.5.2
Read operation on CDA register
Following a start condition the bus controller sends a device select code with the R/W bit (RW) set to 0. The
device acknowledges this and waits for the address bytes where the CDA register is located. The device
responds to each address byte with an acknowledge bit. Then, the bus controller sends another start condition,
and repeats the device select code, with the RW bit set to 1. The device acknowledges this, and outputs the
contents of the CDA register. See in Table 9, Table 10, and Table 11 how to address the configurable device
address register.
After the successful completion of a read configurable device address, the device internal address counter is not
incremented by one, to point to the next byte address. Reading more than one byte with the sequential random
read command loops on reading the configurable device address register value.
To terminate the stream of data byte, the bus controller must not acknowledge the byte, and must generate a stop
condition, as shown in Figure 19. Random read CDA register.
The configurable device address register cannot be read while a write cycle (tW) is ongoing.
The configurable device address bit (C2) value can be checked by sending the device select code.
•
If the chip enable address b3 sent in the device select code is matching with the C2 value, the device
sends an ACK.
•
Otherwise, the device answers no ACK.
Figure 19. Random read CDA register
Dev sel*
Byte addr
Byte addr
Data out
ACK
RW
ACK
ACK
NO ACK
RW
ACK
Dev sel*
*: The seven most significant bits of the first device select code in a random read must match those of the device
select code in the write operation.
6.5.3
Read operation on SWP register
Following a start condition the bus controller sends a device select code with the R/W bit (RW) set to 0. The
device acknowledges this and waits for the address bytes where the SWP register is located. The device
responds to each address byte with an acknowledge bit. Then, the bus controller sends another start condition,
and repeats the device select code, with the RW bit set to 1. The device acknowledges this, and outputs the
contents of the SWP register. See in Table 9, Table 10, and Table 11 how to address the software write protection
register.
After the successful completion of a read operation on SWP, the device internal address counter is not
incremented by one, to point to the next byte address. Reading more than one-byte with the sequential random
read command loops on reading the SWP register value.
To terminate the stream of data byte, the bus controller must not acknowledge the byte, and must generate a stop
condition, as shown in Figure 20.
The SWP register cannot be read while a write cycle (tW) is ongoing.
Figure 20. Random read SWP register
Dev sel*
Byte addr
Byte addr
Data out
ACK
RW
ACK
ACK
NO ACK
RW
ACK
Dev sel*
*: The seven most significant bits of the first device select code in a random read must match those of the device
select code in the write operation.
M24M02E-F
Instructions
DS14157 - Rev 2
page 27/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com