Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02E-F Datasheet(PDF) 46 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 42Page - STMicroelectronics M24M02E-F Datasheet HTML 43Page - STMicroelectronics M24M02E-F Datasheet HTML 44Page - STMicroelectronics M24M02E-F Datasheet HTML 45Page - STMicroelectronics M24M02E-F Datasheet HTML 46Page - STMicroelectronics M24M02E-F Datasheet HTML 47Page - STMicroelectronics M24M02E-F Datasheet HTML 48Page - STMicroelectronics M24M02E-F Datasheet HTML 49Page - STMicroelectronics M24M02E-F Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
10.5
WLCSP5 (CP) with BSC package information
This WLCSP is a 5-ball, 1.572 x 1.864 mm, 0.800 mm pitch, wafer level chip scale package.
Figure 35. WLCSP5 (CP) with BSC - Outline
Orientation
reference
aaa
(2X)
X
Y
D
TOP VIEW
Z
ddd
ccc
Z X Y
b
DETAIL A
SEATING PLANE
Z
A1
SIDE VIEW
A1
A
A2
A3
b
BUMP SIDE
G
F
e
Orientation reference
e1
DETAIL A
aaa
(2X)
1. Drawing is not to scale.
2. Bump position designation per JESD 95-1, SPP-010.
M24M02E-F
Package information
DS14157 - Rev 2
page 46/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com