Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24M02E-F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24M02E-F
Description  2-Mbit serial I²C bus EEPROM with configurable device address, software write protection registers, and preprogrammed device address
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02E-F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24M02E-F Datasheet HTML 2Page - STMicroelectronics M24M02E-F Datasheet HTML 3Page - STMicroelectronics M24M02E-F Datasheet HTML 4Page - STMicroelectronics M24M02E-F Datasheet HTML 5Page - STMicroelectronics M24M02E-F Datasheet HTML 6Page - STMicroelectronics M24M02E-F Datasheet HTML 7Page - STMicroelectronics M24M02E-F Datasheet HTML 8Page - STMicroelectronics M24M02E-F Datasheet HTML 9Page - STMicroelectronics M24M02E-F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
4
Device features
4.1
Device type identifier register (DTI)
The device type identifier register (DTI) is an 8-bit register permanently locked in read-only mode. This register is
factory programmed with device type identifier bits (DTI3, DTI2, DTI1, and DTI0) set to 1011 and with device type
identifier lock bit (DTIL) set to 1 to freeze definitively the register. DTI3, DTI2, DTI1, and DTI0 are defining the
device type identifier address in the device select code. At power-up, the device loads the last configuration of
DTI3, DTI2, DTI1, DTI0, and DTIL values.
This register is read by issuing the read device type identifier instruction. This instruction uses the same protocol
and format as the random address read (from the memory array) except for the following differences (refer to
Table 9, Table 10 and Table 11).
•
Device type identifier = 1011
•
MSB address bits A15, A14, and A13 must be equal to 111
•
MSB address bits from A12 to A8 are don't care
•
LSB address bits from A7 to A0 are don't care
The description of the device type identifier register is given in Table 2.
Table 2. Device type identifier register
bit 7
bit 6
bit5
bit4
bit3
bit2
bit1
bit0
DTI3 = 1
DTI2 = 0
DTI1 = 1
DTI0 = 1
X(1)
X
X
DTIL = 1
1. X = Don’t care bit. Read as 0.
Note:
The factory default value is 10110001.
Table 3. Device type identifier register description
Bit
Function
Bits b7 to b4
DTI3, DTI2, DTI1, DTI0: Device type identifier bits.
b7, b6, b5, b4 are used to configure the device type identifier of the device select code.
•
(b7, b6, b5, b4) = (1, 0, 1, 1) the device type identifier is 1011 (factory default value)
Note: Bits b7 to b4 are frozen at factory delivery.
Bits b3 to b1
Reserved bits. Read as 0. (b3, b2, b1) = (0, 0, 0)
Bit b0
DTIL: Device type identifier lock bit.
b0 indicates that the DTI register status is in read-only mode.
•
(b0) = (1) the device type identifier lock bit is equal to 1 (factory default value)
Note: Bit b0 is frozen at factory delivery.
M24M02E-F
Device features
DS14157 - Rev 2
page 6/54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com